Electronic Components Datasheet Search
  English  ▼

X  

RH1084 Datasheet(PDF) 4 Page - Linear Technology

Part # RH1084
Description  5A Low Dropout Positive Adjustable Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1084 Datasheet(HTML) 4 Page - Linear Technology

  RH1084 Datasheet HTML 1Page - Linear Technology RH1084 Datasheet HTML 2Page - Linear Technology RH1084 Datasheet HTML 3Page - Linear Technology RH1084 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RH1084
4
rh1084fd
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 1996
ID No. 66-11-1084 • LT 0811 REV D PRINTED IN USA
TYPICAL PERFORMANCE CHARACTERISTICS
TOTAL DOSE – KRADS (Si)
1
1.26
1.25
1.24
1.23
1.22
10
100
1000
RH1084 G01
10mA ≤ Δ ≤ IOUT ≤ IFULL LOAD
1.5V ≤ (VIN – VOUT) ≤ 15V
TOTAL DOSE – KRADS (Si)
1
105
100
95
90
85
80
75
70
65
10
100
1000
RH1084 G02
(VIN – VOUT) = 3V
IOUT = IFULL LOAD
TOTAL DOSE – KRADS (Si)
1
8.5
8.0
7.5
7.0
6.5
6.0
5.5
5.0
4.5
10
100
1000
RH1084 G03
(VIN – VOUT) = 5V
TOTAL DOSE – KRADS (Si)
1
0.9
0.8
0.7
0.6
0.5
10
100
1000
RH1084 G04
(VIN – VOUT) = 25V
TOTAL DOSE – KRADS (Si)
1
0.3
0.2
0.1
0
–0.1
10
100
1000
RH1084 G05
1.5V ≤ (VIN – VOUT) ≤ 15V
IOUT = 10mA
TOTAL DOSE – KRADS (Si)
1
0.10
0.05
0
–0.05
–0.10
10
100
1000
RH1084 G06
(VIN – VOUT) = 3V
10mA ≤ IOUT ≤ 5A
TOTAL DOSE – KRADS (Si)
1
1.8
1.6
1.4
1.2
1.0
10
100
1000
RH1084 G07
IOUT = 5A
TOTAL DOSE – KRADS (Si)
1
80
70
60
50
40
10
100
1000
RH1084 G08
(VIN – VOUT) = 3V
10mA ≤ IL ≤ IFULL LOAD
TOTAL DOSE – KRADS (Si)
1
4
3
2
1
0
10
100
1000
RH1084 G09
(VIN – VOUT) = 25V
Reference Voltage
Minimum Load Current
Load Regulation
Ripple Rejection
Current Limit
Current Limit
Line Regulation
Adjust Pin Current
Dropout Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com