Electronic Components Datasheet Search
  English  ▼

X  

RH1498M Datasheet(PDF) 3 Page - Linear Technology

Part # RH1498M
Description  10MHz, 6V/s, Dual Rail-to-Rail Input and Output Precision C-Load Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1498M Datasheet(HTML) 3 Page - Linear Technology

  RH1498M Datasheet HTML 1Page - Linear Technology RH1498M Datasheet HTML 2Page - Linear Technology RH1498M Datasheet HTML 3Page - Linear Technology RH1498M Datasheet HTML 4Page - Linear Technology RH1498M Datasheet HTML 5Page - Linear Technology RH1498M Datasheet HTML 6Page - Linear Technology RH1498M Datasheet HTML 7Page - Linear Technology RH1498M Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RH1498M
3
rh1498mff
For more information www.linear.com/RH1498M
TABLE 1A: ELECTRICAL CHARACTERISTICS
(Postirradiation) VS = ±15V, VCM = 0V, TA = 25°C, unless otherwise noted.
10-Krad(Si) 20Krad(Si)
50Krad(Si) 100Krad(Si) 200Krad(Si)
SYMBOL PARAMETER
CONDITIONS
NOTES MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX UNITS
VOS
Input Offset Voltage
VCM = V+, V–
950
950
950
950
950
µV
IB
Input Bias Current
VCM = V+, V–
765
815
865
915
965
nA
IOS
Input Offset Current
VCM = V+, V–
100
100
100
100
100
nA
Input Voltage Range
V–
V+
V–
V+
V–
V+
V–
V+
V–
V+
V
AVOL
Large-Signal Voltage
Gain
VO = –14.5V to 14.5V,
RL = 10k
500
500
500
500
500
V/mV
VO = –10V to 10V,
RL = 2k
250
250
250
250
250
V/mV
CMRR
Common Mode
Rejection Ratio
VCM = V+ to V–
86
86
86
86
86
dB
CMRR Match
(Channel-to-Channel)
VCM = V+ to V–
3
83
83
83
83
83
dB
PSRR
Power Supply
Rejection Ratio
VS = ±2V to ±16V
90
90
90
90
90
dB
PSRR Match
(Channel-to-Channel)
VS = ±2V to ±16V
3
83
83
83
83
83
dB
VOUT
Output Voltage
Swing Low
No Load
ISINK = 1mA
ISINK = 10mA
4
60
100
500
60
100
500
60
100
500
60
100
500
60
100
500
mV
mV
mV
Output Voltage
Swing High
No Load
ISOURCE = 1mA
ISOURCE = 10mA
4
20
150
800
20
150
800
20
150
800
20
150
800
20
150
800
mV
mV
mV
ISC
Short-Circuit Current
±10
±10
±10
±10
±10
mA
IS
Supply Current
2.5
2.5
2.5
2.5
2.5
mA
GBW
Gain-Bandwidth Product f = 100kHz
4.5
4.5
4.5
4.5
4.5
MHz
SR
Slew Rate
AV = –1, RL = 10k,
VO = ±10V, Measure
at VO = ±5V
3
3
3
3
3
V/µs
TA = 25°C
SUB-
GROUP
–55°C ≤ TA ≤ 125°C
SUB-
GROUP
SYMBOL PARAMETER
CONDITIONS
NOTES MIN TYP MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V+, V–
VCM = V+ – 0.5V, V– + 0.5V
150
800
1
300
1100
2, 3
µV
µV
Input Offset Voltage Match
(Channel-to-Channel)
(Note 3)
VCM = V+ to V–
VCM = V+ – 0.5V, V– + 0.5V
3
200 1400
350
1800
µV
µV
IB
Input Bias Current
VCM = V+
VCM = V+ – 0.5V
VCM = V–
VCM = V– + 0.5V
0
–650
250
–250
650
0
1
0
–1100
450
–450
1100
0
2, 3
nA
nA
nA
nA
Input Bias Current Match
(Channel-to-Channel)
(Note 3)
VCM = V+, V–
VCM = V+ – 0.5V, V– + 0.5V
3
0
10
180
0
30
400
nA
nA
IOS
Input Offset Current
VCM = V+, V–
VCM = V+ – 0.5V, V– + 0.5V
5
65
1
15
300
2, 3
nA
nA
TABLE 2: ELECTRICAL CHARACTERISTICS
(Preirradiation) VS = 5V; VCM = VOUT = half supply, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com