Electronic Components Datasheet Search
  English  ▼

X  

RH1498M Datasheet(PDF) 6 Page - Linear Technology

Part # RH1498M
Description  10MHz, 6V/s, Dual Rail-to-Rail Input and Output Precision C-Load Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1498M Datasheet(HTML) 6 Page - Linear Technology

  RH1498M Datasheet HTML 1Page - Linear Technology RH1498M Datasheet HTML 2Page - Linear Technology RH1498M Datasheet HTML 3Page - Linear Technology RH1498M Datasheet HTML 4Page - Linear Technology RH1498M Datasheet HTML 5Page - Linear Technology RH1498M Datasheet HTML 6Page - Linear Technology RH1498M Datasheet HTML 7Page - Linear Technology RH1498M Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RH1498M
6
rh1498mff
For more information www.linear.com/RH1498M
TYPICAL PERFORMANCE CHARACTERISTICS
Large-Signal Voltage Gain
Large-Signal Voltage Gain
Slew Rate
Supply Current per Amp
Input Offset Voltage
Input Offset Current
Input Bias Current
Common Mode Rejection Ratio
Power Supply Rejection Ratio
TOTAL DOSE-krads (Si)
1
8000
6000
4000
2000
0
10
100
1000
RH1498 G01
VS = ±15V
VO = ±14.5V
VS = 5V
VO = 75mV TO 4.8V
RL = 10k
TOTAL DOSE-krads (Si)
1
4000
3000
2000
1000
0
10
100
1000
RH1498 G02
VS = ±15V
VO = ±10V
RL = 2k
TOTAL DOSE-krads (Si)
1
8
6
4
2
0
10
100
1000
RH1498 G03
VS = ±15V
VO = ±10V
RL = 10k
TOTAL DOSE-krads (Si)
1
4
3
2
1
0
10
100
1000
RH1498 G04
VS = ±15, 5V
TOTAL DOSE-krads (Si)
1
800
600
400
200
0
–200
–400
–600
–800
10
100
1000
RH1498 G05
VS = ±15V, 5V
VCM = 0V
TOTAL DOSE-krads (Si)
1
80
60
40
20
0
–20
–40
–60
–80
10
100
1000
RH1498 G06
VS = ±15V, 5V
VCM = 0V
TOTAL DOSE-krads (Si)
1
0
–200
–400
–600
–800
10
100
1000
RH1498 G07
VS = ±15V, 5V
VCM = 0V
TOTAL DOSE-krads (Si)
1
130
120
110
100
90
80
70
60
50
10
100
1000
RH1498 G08
V– ≤ VCM ≤ V+
VS = ±15V
VS = 5V
TOTAL DOSE-krads (Si)
1
160
140
120
100
80
10
100
1000
RH1498 G09
±2V ≤ VS ≤ ±16V
VCM = 0V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com