Electronic Components Datasheet Search
  English  ▼

X  

RH1498M Datasheet(PDF) 4 Page - Linear Technology

Part # RH1498M
Description  10MHz, 6V/s, Dual Rail-to-Rail Input and Output Precision C-Load Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1498M Datasheet(HTML) 4 Page - Linear Technology

  RH1498M Datasheet HTML 1Page - Linear Technology RH1498M Datasheet HTML 2Page - Linear Technology RH1498M Datasheet HTML 3Page - Linear Technology RH1498M Datasheet HTML 4Page - Linear Technology RH1498M Datasheet HTML 5Page - Linear Technology RH1498M Datasheet HTML 6Page - Linear Technology RH1498M Datasheet HTML 7Page - Linear Technology RH1498M Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RH1498M
4
rh1498mff
For more information www.linear.com/RH1498M
TABLE 2: ELECTRICAL CHARACTERISTICS
(Preirradiation) VS = 5V; VCM = VOUT = half supply, unless otherwise noted.
TA = 25°C
SUB-
GROUP
–55°C ≤ TA ≤ 125°C
SUB-
GROUP
SYMBOL PARAMETER
CONDITIONS
NOTES MIN TYP MAX
MIN
TYP
MAX
UNITS
Input Voltage Range
V–
V+
V– + 0.5V
V+ – 0.5V
V
Input Noise Voltage
0.1Hz to 10Hz
400
nVP-P
en
Input Noise Voltage Density f = 1kHz
12
nV/√Hz
in
Input Noise Current Density f = 1kHz
0.3
pA/√Hz
CIN
Input Capacitance
5
pF
AVOL
Large-Signal Voltage Gain VS = 5V, VO = 75mV to 4.8V,
RL = 10k
600 3800
4
60
210
5, 6
V/mV
CMRR
Common Mode
Rejection Ratio
VS = 5V, VCM = V+ to V–
VS = 5V, VCM = 0.5V to 4.5V
76
90
68
85
dB
dB
CMRR Match
(Channel-to-Channel)
(Note 3)
VS = 5V, VCM = V+ to V–
VS = 5V, VCM = 0.5V to 4.5V
3
75
91
66
dB
dB
PSRR
Power Supply
Rejection Ratio
VS = 4.5V to 12V,
VCM = VO = 0.5V
88
105
1
86
104
2, 3
dB
PSRR Match
(Channel-to-Channel)
(Note 3)
VS = 4.5V to 12V,
VCM = VO = 0.5V
3
82
120
80
118
dB
VOL
Output Voltage Swing
(Low) (Note 4)
No Load
ISINK = 1mA
ISINK = 2.5mA
4
14
50
90
30
100
200
4
25
65
110
75
150
220
5, 6
mV
mV
mV
VOH
Output Voltage Swing
(High) (Note 4)
No Load
ISOURCE = 1mA
ISOURCE = 2.5mA
4
2.5
70
140
10
150
250
4
5
100
180
25
250
300
5, 6
mV
mV
mV
ISC
Short-Circuit Current
VS = 5V
±12.5 24
1
±5
±10
2, 3
mA
IS
Supply Current per Amp
1.7
2.2
1
2
2.7
2, 3
mA
GBW
Gain-Bandwidth Product
VS = 5V, f = 100kHz
6.8 10.5
5.8
8.5
MHz
SR
Slew Rate
VS = ±2.5V, AV = –1,
RL = 10k, VO = ±2V,
Measure at VO = ±1V
2.6
4.5
4
2
3.6
5, 6
V/µs
TABLE 2A: ELECTRICAL CHARACTERISTICS
(Postirradiation) VS = 5V; VCM = half supply, TA = 25°C, unless otherwise noted.
10Krad(Si)
20Krad(Si)
50Krad(Si) 100Krad(Si) 200Krad(Si)
SYMBOL PARAMETER
CONDITIONS
NOTES MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX UNITS
VOS
Input Offset Voltage
VCM = V+, V–
950
950
950
950
950
µV
IB
Input Bias Current
VCM = V+, V–
700
750
800
850
900
nA
IOS
Input Offset Current
VCM = V+, V–
65
65
65
65
65
nA
Input Voltage Range
V–
V+
V–
V+
V–
V+
V–
V+
V–
V+
V
AVOL
Large-Signal Voltage
Gain
VO = 75mV to V+ – 0.2V
RL = 10k
300
300
300
300
300
V/mV
CMRR
Common Mode
Rejection Ratio
VCM = V+ to V–
70
70
70
70
70
dB
CMRR Match
(Channel-to-Channel)
VCM = V+ to V–
3
70
70
70
70
70
dB
PSRR
Power Supply
Rejection Ratio
VS = 4.5V to 12V,
VCM = VO = 0.5V
88
88
88
88
88
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com