Electronic Components Datasheet Search
  English  ▼

X  

AN2994 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2994
Description  400 W FOT-controlled PFC pre-regulator with the L6563S
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2994 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2994 Datasheet HTML 4Page - STMicroelectronics AN2994 Datasheet HTML 5Page - STMicroelectronics AN2994 Datasheet HTML 6Page - STMicroelectronics AN2994 Datasheet HTML 7Page - STMicroelectronics AN2994 Datasheet HTML 8Page - STMicroelectronics AN2994 Datasheet HTML 9Page - STMicroelectronics AN2994 Datasheet HTML 10Page - STMicroelectronics AN2994 Datasheet HTML 11Page - STMicroelectronics AN2994 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Test results and significant waveforms
AN2994
8/38
Doc ID 15796 Rev 2
2
Test results and significant waveforms
2.1
Harmonic content measurement
One of the main purposes of a PFC pre-conditioner is to correct the input current distortion,
decreasing the harmonic contents below the limits of the relevant regulations. Therefore, the
board has been tested according to the European rule EN61000-3-2 Class-D and Japanese
rule JEITA-MITI Class-D, at full load and 70 W output power, at both the nominal input
voltage mains.
As shown in the following figures, the circuit can reduce the harmonics well below the limits
of both regulations from full load down to light load. An output power of 70 W has been
chosen because it is almost the lower power limit at which the harmonics have to be limited
according the mentioned rules.
Figure 3.
EVL6563S-400W compliance to
EN61000-3-2 Standard at full load
Figure 4.
EVL6563S-400W compliance to
JEITA-MITI Standard at full load
 
0.0001
0.001
0.01
0. 1
1
10
1 3 5 7 9 111315 17 19 2123 2527 293133 35 37 39
Harmon ic Or der [n]
Measured value
EN61000-3-2 Class-D limi ts
 
0. 0001
0.001
0.01
0.1
1
10
1 3 5 7 9 11 13 15 17 19 21 23 25 27 29 31 33 35 37 39
Harmoni c Ord er [n]
Measur ed value
JEIT A-MI TI limits
Figure 5.
EVL6563S-400W compliance to
EN61000-3-2 Standard at 70 W load
Figure 6.
EVL6563S-400W compliance to
JEITA-MITI Standard at 70 W load
 
0.0001
0.001
0.01
0.1
1
1 3 5 7 9 11 13 15 17 19 21 23 25 27 29 31 33 35 37 39
Harmonic Order [n]
Measured value
EN61000-3-2 Class-D limi ts
 
0.0001
0.001
0.01
0.1
1
1 3579 11 13 15 17 19 21 23 25 27 29 31 33 35 37 39
H armo nic O rder [n]
Measured value
JEITA-MITI limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com