Electronic Components Datasheet Search
  English  ▼

X  

AN2994 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2994
Description  400 W FOT-controlled PFC pre-regulator with the L6563S
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2994 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2994 Datasheet HTML 10Page - STMicroelectronics AN2994 Datasheet HTML 11Page - STMicroelectronics AN2994 Datasheet HTML 12Page - STMicroelectronics AN2994 Datasheet HTML 13Page - STMicroelectronics AN2994 Datasheet HTML 14Page - STMicroelectronics AN2994 Datasheet HTML 15Page - STMicroelectronics AN2994 Datasheet HTML 16Page - STMicroelectronics AN2994 Datasheet HTML 17Page - STMicroelectronics AN2994 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Test results and significant waveforms
AN2994
14/38
Doc ID 15796 Rev 2
2.3
Voltage feed-forward
The power stage gain of PFC pre-regulators varies with the square of the RMS input
voltage. So does the crossover frequency (fc) of the overall open-loop gain because the gain
has a single pole characteristic. This leads to large trade-offs in the design. For example,
setting the gain of the error amplifier to get an fc of 20 Hz at 264 Vac means having an fc of
4 Hz at 88 Vac, resulting in sluggish control dynamics. Additionally, the slow control loop
causes large transient current flows during rapid line or load changes that are limited by the
dynamics of the multiplier output. This limit is considered when selecting the sense resistor
to let the full load power pass under minimum line voltage conditions, with some margin. But
a fixed current limit allows excessive power inputs at high lines, whereas a fixed power limit
requires the current limit to vary inversely with the line voltage.
The voltage feed-forward function can compensate for the gain variation with the line voltage
and allow overcoming all of the above-mentioned issues. It consists of deriving a voltage
proportional to the input RMS voltage, feeding this voltage into a squarer/divider circuit
(1/V2 corrector) and providing the resulting signal to the multiplier that generates the current
reference for the inner current-control loop. In this way, a change of the line voltage will
cause an inversely proportional change of the half sine amplitude at the output of the
multiplier so that the current reference is adapted to the new operating conditions with
(ideally) no need for invoking the slow dynamics of the error amplifier. Additionally, the loop
gain will be constant throughout the input voltage range, which significantly improves
dynamic behavior at low lines and simplifies loop design.
The L6563S realizes a voltage feed-forward with a technique that makes use of just two
external parts and that limits the feed-forward time constant trade-off issue to only one
direction. A capacitor CFF (C18) and a resistor RFF (R26 + R27), both connected to the VFF
pin (5), complete an internal peak-holding circuit that provides a DC voltage equal to the
peak of the rectified sine wave applied on the MULT pin (pin 3). RFF provides a means of
discharging CFF when the line voltage decreases.
However, a drawback of the VFF technique is an increase in the harmonics; in fact, deriving
a voltage proportional to the RMS line voltage implies a form of integration, which has its
own time constant. If it is too small, the voltage generated will be affected by a considerable
amount of ripple at twice the mains frequency, thus causing a distortion of the current
reference (resulting in high THD and poor PF). If it is too large, there will be a considerable
delay in setting the right amount of feed forward, resulting in excessive overshoot and
undershoot of the pre-regulator's output voltage in response to large line voltage changes.
Clearly, a trade-off is required. For reference, Figure 21 and Figure 22 show a comparison
of the input current shape and the measurement of the THD and 3RD harmonic amplitude
for different CFF values taken from a similar board using the former L6563.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com