Electronic Components Datasheet Search
  English  ▼

X  

AN2994 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2994
Description  400 W FOT-controlled PFC pre-regulator with the L6563S
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2994 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2994 Datasheet HTML 13Page - STMicroelectronics AN2994 Datasheet HTML 14Page - STMicroelectronics AN2994 Datasheet HTML 15Page - STMicroelectronics AN2994 Datasheet HTML 16Page - STMicroelectronics AN2994 Datasheet HTML 17Page - STMicroelectronics AN2994 Datasheet HTML 18Page - STMicroelectronics AN2994 Datasheet HTML 19Page - STMicroelectronics AN2994 Datasheet HTML 20Page - STMicroelectronics AN2994 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
AN2994
Test results and significant waveforms
Doc ID 15796 Rev 2
17/38
If you compare Figure 21 and Figure 22 to Figure 23 and Figure 25, you can see that the
input current of the last two figures is much better and the 3rd harmonic current distortion is
not noticeable. This demonstrates the benefits of the new voltage feed-forward circuit
integrated in the L6563S, allowing you to get a fast response to mains disturbances and a
very low THD and high PF at the same time.
Figure 25.
EVL6563S-400W input mains dip
from 140 to 90 Vac, full load,
CFF = 1 µF
Figure 26.
L6562A FOT input mains dip from
140 to 90 Vac, full load,
NO VFF input
CH1: Output voltage
CH1: Output voltage
CH2: Input rectified mains voltage
CH2: Input rectified mains voltage
CH3: VFF voltage - pin #5
CH4: Input current
CH4: Input current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com