Electronic Components Datasheet Search
  English  ▼

X  

LT1027 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1027
Description  Precision 5V Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1027 Datasheet(HTML) 4 Page - Linear Technology

  LT1027 Datasheet HTML 1Page - Linear Technology LT1027 Datasheet HTML 2Page - Linear Technology LT1027 Datasheet HTML 3Page - Linear Technology LT1027 Datasheet HTML 4Page - Linear Technology LT1027 Datasheet HTML 5Page - Linear Technology LT1027 Datasheet HTML 6Page - Linear Technology LT1027 Datasheet HTML 7Page - Linear Technology LT1027 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LT1027
4
sn1027 1027fcs
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
VOUT
1V/DIV
Start-Up and Turn-Off
10V
VIN
RL = 1k, CL = 4.7µF
Quiescent Current
10V
VIN
Start-Up and Turn-Off (No Load)
1
µs/DIV
VOUT
1V/DIV
1027 G04
500
µs/DIV
1027 G05
INPUT VOLTAGE (V)
0
1.5
2.0
2.5
15
25
40
1027 G06
1.0
0.5
0
510
20
30
35
–10
0
400
800
8
1027 G07
–400
–800
–1600
26
4
–1200
–8 –6 –4 –2 0
10 12 14 16
IOUT (mA)
Sink Source
Load Regulation
Output Settling Time (Sourcing)
VOUT
400
µV/DIV
AC COUPLED
Line Regulation
FREQUENCY (Hz)
10
80
100
120
140
160
100
1k
10k
1027 G09
60
40
20
0
180
200
CNR = 1µF
CNR = 0
Output Noise Voltage Density
INPUT VOLTAGE (V)
8
300
400
500
20
28
40
1027 G08
200
0
100
12
16
24
32
36
–100
–200
–300
–400
–500
10mA
LOAD STEP
2
µs/DIV
1027 G10
0.1Hz to 10Hz Output Noise
Filtering = 1 zero at 0.1Hz
2 poles at 10Hz
1sec/DIV
1027 G12
Output Settling Time (Sinking)
–10mA
LOAD STEP
2
µs/DIV
VOUT
400
µV/DIV
AC COUPLED
1027 G11



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com