Electronic Components Datasheet Search
  English  ▼

X  

LT1027 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1027
Description  Precision 5V Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1027 Datasheet(HTML) 6 Page - Linear Technology

  LT1027 Datasheet HTML 1Page - Linear Technology LT1027 Datasheet HTML 2Page - Linear Technology LT1027 Datasheet HTML 3Page - Linear Technology LT1027 Datasheet HTML 4Page - Linear Technology LT1027 Datasheet HTML 5Page - Linear Technology LT1027 Datasheet HTML 6Page - Linear Technology LT1027 Datasheet HTML 7Page - Linear Technology LT1027 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LT1027
6
sn1027 1027fcs
S
APPLICATI
I FOR ATIO
IN
OUT
GND
+
GROUND
RETURN
KEEP THIS LINE RESISTANCE LOW
1027 F02
INPUT
LT1027
LOAD
Figure 2. Standard Hook-Up
IN
OUT
GND
LT1027
GROUND
RETURN
INPUT
R1
91
Ω
R2*
2.4k
LOAD
1027 F03
*OPTIONAL–REDUCES CURRENT IN OUTPUT SENSE LEAD
4.7
µF
+
2N4403
Figure 3. Driving Higher Load Currents
LT1027
VIN
7
1
µF
1
µF
0.01
µF
VOUT
16
13
12
11
17
14
LTC1043
8
1027 TA04
VIN
OUT
GND
–
+
LT1097
LT1027
VIN
1027 TA03
IN
OUT
VTRIM
GND
5k
5k*
10.00V
OUTPUT
5k*
* 0.1% METAL FILM
10V Reference
10V Reference
Operating 5V Reference from 5V Supply
C2
5
µF*
≈8.5V
5V
REFERENCE
1N914
LT1027
C1
5
µF*
1N914
5V
LOGIC SUPPLY
CMOS LOGIC GATE**
*FOR HIGHER FREQUENCIES C1 AND C2 MAY BE DECREASED
**PARALLEL GATES FOR HIGHER REFERENCE CURRENT LOADING
fIN ≥ 2kHz*
IN
OUT
GND
1027 TA05
+
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com