Electronic Components Datasheet Search
  English  ▼

X  

LT1032 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1032
Description  Quad Low Power Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1032 Datasheet(HTML) 2 Page - Linear Technology

  LT1032 Datasheet HTML 1Page - Linear Technology LT1032 Datasheet HTML 2Page - Linear Technology LT1032 Datasheet HTML 3Page - Linear Technology LT1032 Datasheet HTML 4Page - Linear Technology LT1032 Datasheet HTML 5Page - Linear Technology LT1032 Datasheet HTML 6Page - Linear Technology LT1032 Datasheet HTML 7Page - Linear Technology LT1032 Datasheet HTML 8Page - Linear Technology LT1032 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1032
1032fe
ORDER PART
NUMBER
A
G
A
U
A
R
BSOLUTEXI
TI
S
Operating Temperature Range
LT1032C ............................................... 0
°C to 70°C
LT1032I ........................................... – 40
°C to 85°C
LT1032M ....................................... – 55
°C to 125°C
C Grade Guaranteed
Functional by Design .............................. – 25
°C to 85°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
Supply Voltage .....................................................
±15V
Logic Input Pins ............................................ V – to 25V
ON/OFF Pin ................................................. GND to 15V
Output (Forced) ............................. V – + 30V, V + – 30V
Response Pin .........................................................
±6V
Short-Circuit Duration (to
±30V) .................... Indefinite
Storage Temperature Range ................ – 65
°C to 150°C
PACKAGE/ORDER I FOR ATIO
LT1032CN
LT1032IN
LT1032CJ
LT1032MJ
ORDER PART
NUMBER
LT1032CSW
LT1032ISW
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC SO (WIDE)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VEE
ON/OFF
GND
NC
VCC
STROBE
NC
RESPONSE
CONTROL
1
2
3
4
5
6
7
TOP VIEW
N PACKAGE
14-LEAD PDIP
14
13
12
11
10
9
8
GND
STROBE
ON/OFF
(0V TO 5V)
RESPONSE
CONTROL
VEE
(–15V TO –5V)
VCC
(5V TO 15V)
TJMAX = 150°C, θJA = 130°C/W CN)
TJMAX = 150°C, θJA = 90°C/W
(Note 1)
OBSOLETE PACKAGE
Consider the N Package as an Alternate Source
J PACKAGE
14-LEAD CERDIP
TJMAX = 150°C, θJA = 95°C/W (CJ)
TJMAX = 150°C, θJA = 95°C/W (MJ)
ELECTRICAL C
C
HARA TERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
VON/OFF ≥ 2.4V, IOUT = 0, All Outputs Low
q
500
1000
µA
Power Supply Leakage Current
VON/OFF ≤ 0.4V
1
10
µA
VON/OFF ≤ 0.1V, TA = 125°C
q
10
50
µA
Output Voltage Swing
Load = 2mA
Positive
V + – 0.3V
V + – 0.1V
V
Negative
V – + 0.7V
V – + 0.9V
V
Output Current (Active)
VSUPPLY = ±5V to ±15V
10
22
mA
Output Current (Shutdown)
VSUPPLY = 0V, VOUT = ±30V
2
100
µA
VSUPPLY = ±15V, VOUT = ±20V
2
100
µA
Output Overload Voltage (Forced)
Operating or Shutdown
q
V + – 30V
V – + 30V
V
Input Overload Voltage (Forced)
Operating of Shutdown
q
V –
30V
V
Logic Input Levels
Low Input (VOUT = High)
q
1.4
0.8
V
High Input (VOUT = Low)
q
2
1.4
V
Logic Input Current
VIN > 2.0V
2
20
µA
VIN < 0.8V
10
20
µA
ON/OFF Pin Current
0
≤ VIN ≤ 5V
q
–10
3
50
µA
Slew Rate
IRESPONSE = 0, RL = 3k
4
15
30
V/
µs
The q denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. Supply voltage = ±5V to ±15V
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com