Electronic Components Datasheet Search
  English  ▼

X  

LT1032 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1032
Description  Quad Low Power Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1032 Datasheet(HTML) 3 Page - Linear Technology

  LT1032 Datasheet HTML 1Page - Linear Technology LT1032 Datasheet HTML 2Page - Linear Technology LT1032 Datasheet HTML 3Page - Linear Technology LT1032 Datasheet HTML 4Page - Linear Technology LT1032 Datasheet HTML 5Page - Linear Technology LT1032 Datasheet HTML 6Page - Linear Technology LT1032 Datasheet HTML 7Page - Linear Technology LT1032 Datasheet HTML 8Page - Linear Technology LT1032 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1032
1032fe
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
TEMPERATURE (
°C)
25
1
100
1000
50
100
125
LT1032 • TPC03
10
75
VS = ±12V
SUPPLY VOLTAGE (
±V)
5
0
0.2
0.6
0.8
1.0
2.0
1.4
7.5
10
LT1032 • TPC02
0.4
1.6
1.8
1.2
12.5
15
ALL OUTPUTS HIGH
ALL OUTPUTS LOW
On Supply Current
vs Temperature
Supply Current
vs Supply Voltage
Off Supply Current
vs Temperature
Response Pin Leakage
vs Temperature (Device Off)
OUTPUT CURRENT (mA)
0
0.4
V+
8
LT1032 • TA02
0.8
0.4
V–
2
4
6
10
0.2
1.0
0.6
0.2
VOUT HIGH
VOUT LOW
Output Swing vs Output Current
TEMPERATURE (
°C)
100nA
25
75
100
LT1032 • TPC05
10nA
50
125
1nA
100
µA
10
µA
1
µA
VOUT = –30V
VOUT = 30V
Output Leakage vs Temperature
TEMPERATURE (
°C)
25
1
100
1000
50
75
100
LT1032 • G06
10
V = 5V
V = –5V
TEMPERATURE (˚C)
–50
2.0
2.5
3.0
25
75
LT1032 • TPC01
1.5
1.0
–25
0
50
100
125
0.5
0
ALL OUTPUTS HIGH
ALL OUTPUTS LOW
ELECTRICAL C
C
HARA TERISTICS The q denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. Supply voltage = ±5V to ±15V
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: 3V applied to the strobe pin will force all outputs low. Strobe pin
input impedance is about 2k to ground. Leave open when not used.
Note 3: Response can be changed by connecting a resistor to the supply.
For supplies less than
±6V this current is disconnected when shut down.
Leave open when not used.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Change in Slew Rate (Note 3)
IRESPONSE = 50µA
50
%
IRESPONSE = – 50µA– 50
%
Response Pin Leakage
VSUPPLY = ±6V, VON/OFF ≤ 0.4V
1
µA
VRESPONSE = ±6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com