Electronic Components Datasheet Search
  English  ▼

X  

LT1032 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1032
Description  Quad Low Power Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1032 Datasheet(HTML) 5 Page - Linear Technology

  LT1032 Datasheet HTML 1Page - Linear Technology LT1032 Datasheet HTML 2Page - Linear Technology LT1032 Datasheet HTML 3Page - Linear Technology LT1032 Datasheet HTML 4Page - Linear Technology LT1032 Datasheet HTML 5Page - Linear Technology LT1032 Datasheet HTML 6Page - Linear Technology LT1032 Datasheet HTML 7Page - Linear Technology LT1032 Datasheet HTML 8Page - Linear Technology LT1032 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1032
1032fe
Output Waveform Driving
Capacitive Load
0
10
µs20µs
30
µs
40
µs
LT1032 • TPC16
50
µs
5V
0
LOGIC
INPUT
0
2V
4V
6V
–2V
–4V
–6V
VOUT
RL = 3.3k
VS = ±6V
CL = 0.01µF
Strobe Pin Response
0
4
µs
6
µs
8
µs
LT1032 • TPC17
2
µs
5V
0
0
5V/DIV
OUTPUT
STROBE
INPUT
RL = 3k
VS = ±12V
CL = 51pF
VIN = 0V
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Output Waveform
10V
0
0
LOGIC
INPUT
– 10V
5V
0
2
µs4µs
6
µs
8
µs
LT1032 • TPC14
10
µs
VS = ±12V
VOUT
0
–5V
50V
VOUT
RL = 3k
CL = 51pF
VOUT
0
LOGIC
INPUT
5V
4
µs8µs
12
µs
16
µs
LT1032 • TPC15
20
µs
0
–2V
–4V
0
2V
4V
Output Waveform
RL = 450Ω
VS = ±5V
CL = 51pF
PI
FU C
S
TI
VEE(J, N & S: Pin 1): Minus Supply. Operates –2V to –15V.
(J & N: Pins 2, 5, 9, 12/S: Pins 2, 5, 11, 14): Logic
Input. Operates properly on TTL or CMOS levels. Output
valid form (V – + 2V)
≤ VIN ≤ 15V. Connect to ground
when not used.
(J & N: Pins 3, 6, 8, 11/S: Pins 3, 6, 10, 13): Output. Line
drive output.
ON/OFF (J, N & S: Pin 4): Shuts down entire circuit.
Cannot be left open. For “normally on” operation, connect
to V +.
GND (J, N & S: Pin 7): Ground. Ground must be more
positive than V–.
Response Control (J & N: Pin 10/S: Pin 12): Allows
limited change of slew rate. Leave open when not used.
Strobe (J & N: Pin 13/ S: Pin 15): Forces all outputs low.
Drive with 3V.
VCC (J & N:Pin 14/S: Pin 15): Positive Supply. Operates 5V
to 15V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com