Electronic Components Datasheet Search
  English  ▼

X  

LTC487 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC487
Description  Quad Low Power RS485 Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC487 Datasheet(HTML) 4 Page - Linear Technology

  LTC487 Datasheet HTML 1Page - Linear Technology LTC487 Datasheet HTML 2Page - Linear Technology LTC487 Datasheet HTML 3Page - Linear Technology LTC487 Datasheet HTML 4Page - Linear Technology LTC487 Datasheet HTML 5Page - Linear Technology LTC487 Datasheet HTML 6Page - Linear Technology LTC487 Datasheet HTML 7Page - Linear Technology LTC487 Datasheet HTML 8Page - Linear Technology LTC487 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC487

487fc
Typical perForMance characTerisTics
TTL Input Threshold
vs Temperature
Driver Skew vs Temperature
Supply Current vs Temperature
Driver Differential Output Voltage
vs Temperature
Driver Output High Voltage
vs Output Current
Driver Differential Output Voltage
vs Output Current
Driver Output Low Voltage
vs Output Current
OUTPUT VOLTAGE (V)
0
0
–24
–48
–72
–96
1
2
3
4
487 G01
TA = 25°C
OUTPUT VOLTAGE (V)
0
0
16
32
48
64
1
2
3
4
487 G02
TA = 25°C
OUTPUT VOLTAGE (V)
0
0
20
40
60
80
1
2
3
4
487 G03
TA = 25°C
TEMPERATURE (°C )
–50
1.55
1.57
1.59
1.61
1.63
0
50
100
487 G04
TEMPERATURE (°C )
–50
1.0
2.0
3.0
4.0
5.0
0
50
100
487 G05
TEMPERATURE (°C )
–50
90
100
110
120
130
0
50
100
487 G06
TEMPERATURE (°C )
–50
1.5
1.7
1.9
2.1
2.3
0
50
100
487 G07
RO = 54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com