Electronic Components Datasheet Search
  English  ▼

X  

LTC487 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC487
Description  Quad Low Power RS485 Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC487 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC487 Datasheet HTML 2Page - Linear Technology LTC487 Datasheet HTML 3Page - Linear Technology LTC487 Datasheet HTML 4Page - Linear Technology LTC487 Datasheet HTML 5Page - Linear Technology LTC487 Datasheet HTML 6Page - Linear Technology LTC487 Datasheet HTML 7Page - Linear Technology LTC487 Datasheet HTML 8Page - Linear Technology LTC487 Datasheet HTML 9Page - Linear Technology LTC487 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC487

487fc
TesT circuiT
applicaTions inForMaTion
LTC487 TA02
A
B
R
R
OD
V
OC
V
DRIVER 1
LTC487 TA03
DI
A
B
EN12
RDIFF
CL1
CL2
LTC487 TA04
OUTPUT
UNDER TEST
CL
S1
500
CC
V
S2
Figure 5. Driver Timing Test Load #2
Figure 4. Driver Timing Test Circuit
Figure 3. Driver DC Test Load
Typical Application
A typical connection of the LTC487 is shown in Figure 6.
A twisted pair of wires connect up to 32 drivers and
receivers for half duplex data transmission. There are
no restrictions on where the chips are connected to the
wires, and it isn’t necessary to have the chips connected
at the ends. However, the wires must be terminated only at
the ends with a resistor equal to their characteristic im-
pedance, typically 120Ω. The optional shields around the
twistedpairhelpreduceunwantednoise,andareconnected
to GND at one end.
Thermal Shutdown
TheLTC487hasathermalshutdownfeaturewhichprotects
the part from excessive power dissipation. If the outputs
of the driver are accidently shorted to a power supply or
low impedance source, up to 250mA can flow through
the part. The thermal shutdown circuit disables the driver
outputs when the internal temperature reaches 150°C and
turns them back on when the temperature cools to 130°C.
If the outputs of two or more LTC487 drivers are shorted
directly, the driver outputs can not supply enough cur-
rent to activate the thermal shutdown. Thus, the thermal
shutdown circuit will not prevent contention faults when
two drivers are active on the bus at the same time.
Cable and Data Rate
The transmission line of choice for RS485 applications is
a twisted pair. There are coaxial cables (twinaxial) made
for this purpose that contain straight pairs, but these are
less flexible, more bulky, and more costly than twisted
pairs. Many cable manufacturers offer a broad range of
120Ω cables designed for RS485 applications.
EN12
4
LTC487 • TA07
120
DX
1
2
3
SHIELD
120
RX
RX
SHIELD
3
DX
EN12
4
2
EN12
4
1
2
3
RX
RX
3
DX
EN12
4
1
DX
1/4 LTC489
1/4 LTC487
1/4 LTC489
1/4 LTC487
2
1
Figure 6. Typical Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com