Electronic Components Datasheet Search
  English  ▼

X  

LTC487 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC487
Description  Quad Low Power RS485 Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC487 Datasheet(HTML) 5 Page - Linear Technology

  LTC487 Datasheet HTML 1Page - Linear Technology LTC487 Datasheet HTML 2Page - Linear Technology LTC487 Datasheet HTML 3Page - Linear Technology LTC487 Datasheet HTML 4Page - Linear Technology LTC487 Datasheet HTML 5Page - Linear Technology LTC487 Datasheet HTML 6Page - Linear Technology LTC487 Datasheet HTML 7Page - Linear Technology LTC487 Datasheet HTML 8Page - Linear Technology LTC487 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC487

487fc
pin FuncTions
DI1 (Pin 1): Driver 1 Input. If Driver 1 is enabled, then a
low on DI1 forces the driver outputs DO1A low and DO1B
high. A high on DI1 with the driver outputs enabled will
force DO1A high and DO1B low.
DO1A (Pin 2): Driver 1 Output.
DO1B (Pin 3): Driver 1 Output.
EN12 (Pin 4): Driver 1 and 2 Outputs Enabled. See Func-
tion Table for details.
DO2B (Pin 5): Driver 2 Output.
DO2A (Pin 6): Driver 2 Output.
DI2 (Pin 7): Driver 2 Input. Refer to DI1.
GND (Pin 8): GND Connection.
DI3 (Pin 9): Driver 3 Input. Refer to DI1.
DO3A (Pin 10): Driver 3 Output.
DO3B (Pin 11): Driver 3 Output.
EN34 (Pin 12): Driver 3 and 4Outputs Enabled. See Func-
tion Table for details.
DO4B (Pin 13): Driver 4 Output.
DO4A (Pin 14): Driver 4 Output.
DI4 (Pin 15): Driver 4 Input. Refer to DI1.
VCC (Pin 16): Positive Supply; 4.75 < VCC < 5.25.
H: High Level
L: Low Level
X: Irrelevant
Z: High Impedance (Off)
INPUT
ENABLES
OUTPUTS
DI
EN12 or EN34
OUT A
OUT B
H
L
X
H
H
L
H
L
Z
L
H
Z
FuncTion Table
swiTching TiMe waveForMs
–VO
LTC487 • TA05
B
A
DI
VO
1/2 VO
3V
0V
tSKEW
1.5V
tPLH
1.5V
tPHL
1/2 VO
V
= V(A) – V(B)
VO
80%
20%
tf
90%
DIFF
10%
tSKEW
tr
f = 1MHz : t
10ns : t
10ns
<
<
r
f
LTC487 • TA06
A, B
EN12
3V
0V
f = 1MHz : t
10ns : t
10ns
VOL
VOH
1.5V
1.5V
5V
OUTPUT NORMALLY LOW
tZL
2.3V
tLZ
0.5V
≤
≤
A, B
0V
tZH
2.3V
OUTPUT NORMALLY HIGH
tHZ
0.5V
r
f
Figure 2. Driver Enable and Disable Times
Figure 1. Driver Propagation Delays



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com