Electronic Components Datasheet Search
  English  ▼

X  

AN3978 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3978
Description  Designing a digital output module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3978 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3978 Datasheet HTML 7Page - STMicroelectronics AN3978 Datasheet HTML 8Page - STMicroelectronics AN3978 Datasheet HTML 9Page - STMicroelectronics AN3978 Datasheet HTML 10Page - STMicroelectronics AN3978 Datasheet HTML 11Page - STMicroelectronics AN3978 Datasheet HTML 12Page - STMicroelectronics AN3978 Datasheet HTML 13Page - STMicroelectronics AN3978 Datasheet HTML 14Page - STMicroelectronics AN3978 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
AN3978
EMC requirements
Doc ID 022179 Rev 1
11/19
3
EMC requirements
3.1
Description of the procedure to evaluate the robustness of
the L6370Q
The reference to evaluate the robustness of the L6370Q product is the IEC61131-2
international standard. This international standard gives all the requirements and conditions
of tests that must be performed on the programmable logic controllers (PLC) and their
associated peripherals.
The IEC61131-2 standard specifies the Electromagnetic Compatibility (EMC) requirements
and the nature of the tests to perform in order to determine if the system meets these
requirements (paragraph 7: “Electromagnetic Compatibility EMC Requirements” and
paragraph 8: “Electromagnetic Compatibility (EMC) Type Tests and Verifications” of the Ed2
of the standard). The levels of each test depend on the zone where the system is installed.
The most typical industrial environmental levels correspond to zone B: local power
distribution zone and dedicated power distribution zone (see table 28: “EMC immunity
zones” of the IEC61131-2-Ed2 standard). The following paragraphs recall the test levels for
this zone.
3.2
Burst tests (according to the IEC61000-4-4)
The fast transient burst tests must be applied on all the input pins of the system.
A capacitive clamp-coupling device (50-200 pF) must be used as described in the
IEC61000-4-4 standard. The required burst voltage levels are: analog or digital I/O: +/-1 kV,
dc power line: +/-2 kV. The PLC system continues to operate as intended. Temporary
degradation of the performance is acceptable during the test, but the system must recover
by itself after the test (B criterion according to the IEC61131-2 standard).
3.3
Surge test (according to the IEC61000-4-5)
Since the voltage surge consists of a single but energetic pulse, the L6370Q device embeds
the appropriate protections. Moreover, additional external protection (filter) is necessary, see
Section 2.1 for an example. The absorbed energy complies at least with the requirements of
the IEC61131-2 standard. The high energy surge test must be applied on all output / supply
voltage terminals of the system. For all digital outputs and I/O power, the coupling method is
a 42
Ω serial resistance and a 0.5 μF capacitor. The required voltage surge levels are 0.5 kV
(line-to-line and line-to-earth coupling modes). The PLC system continues to operate as
intended. Temporary degradation of the performance is acceptable during the test, but the
system must recover by itself after the test (B criterion according to the IEC61131-2
standard).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com