Electronic Components Datasheet Search
  English  ▼

X  

AN3978 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3978
Description  Designing a digital output module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3978 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3978 Datasheet HTML 11Page - STMicroelectronics AN3978 Datasheet HTML 12Page - STMicroelectronics AN3978 Datasheet HTML 13Page - STMicroelectronics AN3978 Datasheet HTML 14Page - STMicroelectronics AN3978 Datasheet HTML 15Page - STMicroelectronics AN3978 Datasheet HTML 16Page - STMicroelectronics AN3978 Datasheet HTML 17Page - STMicroelectronics AN3978 Datasheet HTML 18Page - STMicroelectronics AN3978 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Bill of material
AN3978
16/19
Doc ID 022179 Rev 1
Appendix B
Bill of material
Application components are listed in Table 5.
Table 5.
Bill of material
Desig-
nator
Quan-
tity
Comment
Description
Footprint
Manufacturer / ordering code
C1
1
100
μF / 50 V
Electrolitic
capacitor
CAP D8x11.5
Rubycon
50ZL100MEFC8X11.5
C2, C8,
C9
3
100 nF
Capacitor
1608[0603]
Any
C3, C4
2
4.7 nF /3 kV
Capacitor
Cap_HV_RM7.5
Any
C5
1
10 nF / 50 V
Capacitor
1608[0603]
Any
C6
1
180 pF / 50 V
Capacitor
1608[0603]
Any
C7
1
680 pF / 50 V
Capacitor
1608[0603]
Any
CN1
1
MLW14G
Header, 14-pin,
dual row, with
key
MLW14G
Any
CN2
1
MLW34G
Header, 34-pin,
dual row, with
key
MLW34G
Any
CN3,
CN4
2
ARK128V-A-2P
Terminal block
2-pin
MKDS1.5_2pin
Any
CN5,
CN6
2
Header 1 x 1
Header, 1-pin
HDR1X1
Any
D1
1
SM15T36A
Transil
DIODE SMC
STMicroelectronics SM15T36A
LED1
1
Green
LED 0805
green
2012[0805]_
TO_DIODE_reflow
Any
OPT1,
OPT2,
OPT3
3
TLP281
Optocoupler
HPMF4
Any
R1, R4
2
18 K
Ω
Resistor
1608[0603]
Any
R2, R3,
R5, R6
4
470
Ω
Resistor
1608[0603]
Any
R7,
R10
2
10 K
Ω
Resistor
1608[0603]
Any
R8, R9,
R11,
R12
4
3.3 K
Ω
Resistor
1608[0603]
Any



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com