Electronic Components Datasheet Search
  English  ▼

X  

AN3978 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3978
Description  Designing a digital output module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3978 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3978 Datasheet HTML 8Page - STMicroelectronics AN3978 Datasheet HTML 9Page - STMicroelectronics AN3978 Datasheet HTML 10Page - STMicroelectronics AN3978 Datasheet HTML 11Page - STMicroelectronics AN3978 Datasheet HTML 12Page - STMicroelectronics AN3978 Datasheet HTML 13Page - STMicroelectronics AN3978 Datasheet HTML 14Page - STMicroelectronics AN3978 Datasheet HTML 15Page - STMicroelectronics AN3978 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
EMC testing
AN3978
12/19
Doc ID 022179 Rev 1
4
EMC testing
The EMC requirements according to IEC61131-2 have been verified. Application tests
showed much better results than the requirements given by the industrial standard. The test
results are listed in the tables below. No additional protection devices have been used in the
application.
According to Table 1 and Table 2, it is clear that the chosen optical isolators functionality is
influenced by the burst noise. Therefore, performance criteria A is achieved with up to 3 kV
burst amplitude, the system then behaves according to criteria B.
A trial has been carried out and primary and secondary GNDs have been shorted in order to
limit common mode transients across the optical isolation. In this configuration the
performance criteria A is fulfilled also for higher burst amplitudes.
Therefore, the application designer should choose different isolators if a higher level of
immunity must be achieved. Selection should target isolators with a high CMR (“Common
Mode Rejection”) parameter.
Table 1.
Application EFT (burst) robustness, applied to supply voltage lines
Configuration
EFT test signal amplitude, test results at polarity (+ / -)
1 kV
2 kV
3 kV
4 kV
5 kV
Standard demonstration board
configuration
A / A
A / A
A / A
B / B
B / B
Primary and secondary GNDs shorted
A / A
A / A
A / A
A / A
A / A
Table 2.
Application EFT (burst) robustness, applied to output lines
Configuration
EFT test signal amplitude, test results at polarity (+ / -)
1 kV
2 kV
3 kV
4 kV
5 kV
Standard demonstration board
configuration
A / A
A / A
A / A
B / B
B / B
Primary and secondary GNDs shorted
A / A
A / A
A / A
A / A
A / A
Table 3.
Application surge test results, surge applied to supply lines
Configuration
Mode
Surge test signal amplitude, test results at polarity (+ / -)
1 kV
2 kV
3 kV
4 kV
Standard
demonstration
board configuration
Common (CM)
A / A
A / A
A / A
A / A
Differential (DM)
B / B
B / B
B / B
B / B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com