Electronic Components Datasheet Search
  English  ▼

X  

LT1190 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1190
Description  Ultrahigh Speed Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1190 Datasheet(HTML) 1 Page - Linear Technology

  LT1190 Datasheet HTML 1Page - Linear Technology LT1190 Datasheet HTML 2Page - Linear Technology LT1190 Datasheet HTML 3Page - Linear Technology LT1190 Datasheet HTML 4Page - Linear Technology LT1190 Datasheet HTML 5Page - Linear Technology LT1190 Datasheet HTML 6Page - Linear Technology LT1190 Datasheet HTML 7Page - Linear Technology LT1190 Datasheet HTML 8Page - Linear Technology LT1190 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1190
Video MUX Cable Driver
, LTC and LT are registered trademarks of Linear Technology Corporation.
FEATURES
DESCRIPTIO
APPLICATIO S
Ultrahigh Speed
Operational Amplifier
s
Gain Bandwidth Product, AV = 1: 50MHz
s
Slew Rate: 450V/
µs
s
Low Cost
s
Output Current:
±50mA
s
Settling Time: 140ns to 0.1%
s
Differential Gain Error: 0.1%, (RL = 1k)
s
Differential Phase Error: 0.06
°, (RL = 1k)
s
High Open-Loop Gain: 10V/mV Min
s
Single Supply 5V Operation
s
Output Shutdown
s
Video Cable Drivers
s
Video Signal Processing
s
Fast Integrators
s
Pulse Amplifiers
s
D/A Current to Voltage Conversion
The LT
®1190 is a video operational amplifier optimized for
operation on
±5V, and a single 5V supply. Unlike many
high speed amplifiers, this amplifier features high open-
loop gain, over 85dB, and the ability to drive heavy loads
to a full-power bandwidth of 20MHz at 7VP-P. In addition
to its very fast slew rate, the LT1190 features a unity-
gain-stable bandwidth of 50MHz and a 75
° phase margin,
making it extremely easy to use.
Because the LT1190 is a true operational amplifier, it is an
ideal choice for wideband signal conditioning, fast inte-
grators, active filters, and applications requiring speed,
accuracy and low cost.
The LT1190 is available in 8-pin PDIP and SO packages
with standard pinouts. The normally unused Pin 5 is used
for a shutdown feature that shuts off the output and
reduces power dissipation to a mere 15mW.
TYPICAL APPLICATIO
LT1190 • TA01
+
–
5V
7
VIN1
VIN2
6
5
LT1190
SHDN
–5V
4
1k
1k
1k
3
2
75
Ω
75
Ω
CABLE
74HC04
74HC04
+
–
5V
7
6
5
LT1190
SHDN
–5V
4
3
2
1k
1k
–5V
1k
CMOS IN
CH. SELECT
Inverter Pulse Response
AV = – 1, CL = 10pF SCOPE PROBE
1190 TA02


Similar Part No. - LT1190

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1190 LINER-LT1190 Datasheet
778Kb / 11P
Ultra High Speed Operational Amplifier
LT1190 LINER-LT1190 Datasheet
257Kb / 12P
Ultrahigh Speed Operational Amplifier
LT1190C LINER-LT1190C Datasheet
778Kb / 11P
Ultra High Speed Operational Amplifier
LT1190CJ8 LINER-LT1190CJ8 Datasheet
778Kb / 11P
Ultra High Speed Operational Amplifier
LT1190CJ8 LINER-LT1190CJ8 Datasheet
257Kb / 12P
Ultrahigh Speed Operational Amplifier
More results

Similar Description - LT1190

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6165 NSC-LM6165 Datasheet
460Kb / 12P
High Speed Operational Amplifier
LM715 NSC-LM715 Datasheet
208Kb / 8P
High Speed Operational Amplifier
logo
Linear Technology
LM318S8 LINER-LM318S8 Datasheet
100Kb / 2P
High Speed Operational Amplifier
logo
Analog Devices
AD5539 AD-AD5539 Datasheet
475Kb / 16P
Ultrahigh Frequency Operational Amplifier
REV. B
logo
Linear Technology
LT1190 LINER-LT1190_01 Datasheet
257Kb / 12P
Ultrahigh Speed Operational Amplifier
LT1191 LINER-LT1191_01 Datasheet
252Kb / 12P
Ultrahigh Speed Operational Amplifier
LT1192 LINER-LT1192_01 Datasheet
249Kb / 12P
Ultrahigh Speed Operational Amplifier
logo
Analog Devices
AD5539 AD-AD5539_15 Datasheet
493Kb / 16P
Ultrahigh Frequency Operational Amplifier
REV. B
logo
Linear Technology
LT1191 LINER-LT1191_15 Datasheet
261Kb / 12P
Ultrahigh Speed Operational Amplifier
LT1192 LINER-LT1192_15 Datasheet
258Kb / 12P
Ultrahigh Speed Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com