Electronic Components Datasheet Search
  English  ▼

X  

LT1190 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1190
Description  Ultrahigh Speed Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1190 Datasheet(HTML) 5 Page - Linear Technology

  LT1190 Datasheet HTML 1Page - Linear Technology LT1190 Datasheet HTML 2Page - Linear Technology LT1190 Datasheet HTML 3Page - Linear Technology LT1190 Datasheet HTML 4Page - Linear Technology LT1190 Datasheet HTML 5Page - Linear Technology LT1190 Datasheet HTML 6Page - Linear Technology LT1190 Datasheet HTML 7Page - Linear Technology LT1190 Datasheet HTML 8Page - Linear Technology LT1190 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1190
Input Bias Current
vs Common Mode Voltage
TYPICAL PERFOR A CE CHARACTERISTICS
COMMON MODE VOLTAGE (V)
–4
–2
–1
0
1
2
3
4
–2
0
2
4
LT1190 • TPC01
–3
–1
1
3
125
°C
–55
°C
25
°C
VS = ±5V
TEMPERATURE (
°C)
–50
–0.8
–0.7
–0.6
–0.5
–0.4
–0.3
0
25
75
125
LT1190 • TPC02
–25
50
100
+IB
–IB
VS = ±5V
IOS
±V SUPPLY VOLTAGE (V)
0
–10
–6
–2
0
4
6
10
48
10
LT1190 • TPC03
8
2
–4
–8
26
–55
°C
25
°C
125
°C
–55
°C
25
°C
+V COMMON MODE
–V COMMON MODE
125 C
°
Input Bias Current
vs Temperature
Common Mode Voltage
vs Supply Voltage
Equivalent Input Noise Voltage
vs Frequency
Equivalent Input Noise Current
vs Frequency
Supply Current vs Supply Voltage
FREQUENCY (Hz)
400
800
1200
1600
2000
10
1k
10k
100k
LT1190 • TPC04
0
100
1800
1400
1000
600
200
VS = ±5V
TA = 25°C
RS = 0Ω
FREQUENCY (Hz)
20
60
80
10
1k
10k
100k
LT1190 • TPC05
0
100
40
VS = ±5V
TA = 25°C
RS = 100k
±SUPPLY VOLTAGE (V)
0
0
10
20
30
40
246
10
LT1190 • TPC06
8
–55
°C
125
°C
25
°C
Shutdown Supply Current
vs Temperature
Open-Loop Voltage Gain
vs Temperature
TEMPERATURE (
°C)
–50
1.0
1.5
2.5
3.0
4.0
4.5
5.0
0
25
75
125
LT1190 • TPC07
3.5
2.0
–25
50
100
VS = ±5V
VSHDN = –VEE + 0.4V
VSHDN = –VEE + 0.2V
VSHDN = –VEE
TEMPERATURE (
°C)
–50
0
20k
30k
0
25
75
125
LT1190 • TPC08
–25
50
100
VS = ±5V
VO = ±3V
RL = 1k
RL = 100Ω
10k
Open-Loop Voltage Gain
vs Load Resistance
LOAD RESISTANCE (
Ω)
10
0
10k
20k
30k
100
1000
LT1190 • TPC09
VS = ±5V
VO = ±3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com