Electronic Components Datasheet Search
  English  ▼

X  

LT1190 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1190
Description  Ultrahigh Speed Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1190 Datasheet(HTML) 4 Page - Linear Technology

  LT1190 Datasheet HTML 1Page - Linear Technology LT1190 Datasheet HTML 2Page - Linear Technology LT1190 Datasheet HTML 3Page - Linear Technology LT1190 Datasheet HTML 4Page - Linear Technology LT1190 Datasheet HTML 5Page - Linear Technology LT1190 Datasheet HTML 6Page - Linear Technology LT1190 Datasheet HTML 7Page - Linear Technology LT1190 Datasheet HTML 8Page - Linear Technology LT1190 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1190
LT1190 • TA03
+
–
5V
7
6
LT1190
3
2
–5V
4
1
8
INPUT OFFSET VOLTAGE CAN BE ADJUSTED OVER A
±150mV
RANGE WITH A 1k
Ω TO 10kΩ POTENTIOMETER
Optional Offset Nulling Circuit
LT1190C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
N8 Package
q
311
mV
SO-8 Package
18
mV
∆VOS/∆T Input VOS Drift
q
16
µV/°C
IOS
Input Offset Current
q
0.2
1.7
µA
IB
Input Bias Current
q
±0.5
±2.5
µA
CMRR
Common Mode Rejection Ratio
VCM = – 2.5V to 3.5V
q
58
70
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.375V to ±5V
q
58
70
dB
AVOL
Large-Signal Voltage Gain
RL = 1k, VO = ±3V
q
920
V/mV
RL = 100Ω, VO = ±3V
q
2
6
V/mV
VOUT
Output Voltage Swing
RL = 1k
q
±3.7
±3.9
V
IS
Supply Current
q
32
38
mA
Shutdown Supply Current
Pin 5 at V – (Note 8)
q
1.4
2.1
mA
ISHDN
Shutdown Pin Current
Pin 5 at V –
q
20
µA
Note 1: Absolute maximum ratings are those values beyond which the life
of the device may be impaired.
Note 2: A heat sink is required to keep the junction temperature below
absolute maximum when the output is shorted.
Note 3: Exceeding the input common mode range may cause the output
to invert.
Note 4: Slew rate is measured between
±1V on the output, with a ±3V
input step.
Note 5: Full-power bandwidth is calculated from the slew rate
measurement:
FPBW = SR/2
πVP.
Note 6: Settling time measurement techniques are shown in “Take the
Guesswork Out of Settling Time Measurements,” EDN, September 19,
1985. AV = –1, RL = 1k.
Note 7: NTSC (3.58MHz). For RL = 1k, Diff AV = 0.1%, Diff Ph = 0.06°.
Note 8: See Applications section for shutdown at elevated temperatures.
Do not operate the shutdown above TJ > 125°C.
Note 9: AC parameters are 100% tested on the ceramic and plastic DIP
packaged parts (J and N suffix) and are sample tested on every lot of the
SO packaged parts (S suffix).
The q denotes the specifications which apply over the full operating
temperature range of 0
°C ≤ TA ≤ 70°C. VS = ±5V, Pin 5 open circuit unless otherwise noted.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com