Electronic Components Datasheet Search
  English  ▼

X  

LTC1262 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1262
Description  12V, 30mA Flash Memory Programming Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1262 Datasheet(HTML) 1 Page - Linear Technology

  LTC1262 Datasheet HTML 1Page - Linear Technology LTC1262 Datasheet HTML 2Page - Linear Technology LTC1262 Datasheet HTML 3Page - Linear Technology LTC1262 Datasheet HTML 4Page - Linear Technology LTC1262 Datasheet HTML 5Page - Linear Technology LTC1262 Datasheet HTML 6Page - Linear Technology LTC1262 Datasheet HTML 7Page - Linear Technology LTC1262 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1262
12V, 30mA Flash Memory
Programming Supply
S
FEATURE
DESCRIPTIO
APPLICATI
TYPICAL
s
Regulated 12V
±5% Output Voltage
s
No Inductors
s
Supply Voltage Range: 4.75V to 5.5V
s
Guaranteed 30mA Output
s
Low Power: ICC = 500µA
s
ICC in Shutdown: 0.5µA
s
8-Pin PDIP or SO-8 Package
The LTC
®1262 is a regulated 12V, 30mA output DC/DC
converter. It is designed to provide the 12V
±5% output
necessary to program byte-wide flash memories. The
output will provide up to 30mA from input voltages as low
as 4.75V without using any inductors. Only four external
capacitors are required to complete an extremely small
surface mountable circuit.
The TTL compatible shutdown pin can be directly con-
nected to a microprocessor and reduces the supply cur-
rent to less than 0.5
µA. The LTC1262 offers improved
shutdown current performance and requires fewer exter-
nal components than competing solutions.
The LTC1262 is available in an 8-pin PDIP or SO-8
package.
1
2
3
4
8
7
6
5
0.22
µF
4.7
µF
FROM MPU
4.7
µF
VCC
VPP
LTC1262 • TA01
VCC
4.75V TO 5.5V
FLASH
MEMORY
0.22
µF
C1–
C1+
C2–
C2+
SHDN
GND
VOUT
VCC
LTC1262
S
APPLICATI
s
12V Flash Memory Programming Supplies
s
Compact 12V Op Amp Supplies
s
Battery-Powered Systems
5V
0V
SHDN
5V/DIV
5V
0V
12V
VOUT
5V/DIV
1ms/DIV
1262 TA01a
In/Out of Shutdown
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LTC1262

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1262 LINER-LTC1262 Datasheet
220Kb / 8P
12V, 30mA Flash Memory Programming Supply
LTC1262C LINER-LTC1262C Datasheet
220Kb / 8P
12V, 30mA Flash Memory Programming Supply
LTC1262CN8 LINER-LTC1262CN8 Datasheet
220Kb / 8P
12V, 30mA Flash Memory Programming Supply
LTC1262CS8 LINER-LTC1262CS8 Datasheet
220Kb / 8P
12V, 30mA Flash Memory Programming Supply
LTC1262I LINER-LTC1262I Datasheet
220Kb / 8P
12V, 30mA Flash Memory Programming Supply
More results

Similar Description - LTC1262

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1262 LINER-LTC1262 Datasheet
220Kb / 8P
12V, 30mA Flash Memory Programming Supply
LTC1263 LINER-LTC1263 Datasheet
221Kb / 8P
12V, 60mA Flash Memory Programming Supply
logo
Maxim Integrated Produc...
MAX662A MAXIM-MAX662A Datasheet
75Kb / 6P
12V, 30mA Flash Memory Programming Supply
Rev 1; 8/94
MAX734 MAXIM-MAX734 Datasheet
323Kb / 8P
12V, 120mA Flash Memory Programming Supply
19-4670; Rev 2; 1/93
MAX734CSA-T MAXIM-MAX734CSA-T Datasheet
7Mb / 20P
12,120mA Flash Memory Programming Supply
Rev 2; 1/93
logo
Linear Technology
LTC1263IS8 LINER-LTC1263IS8 Datasheet
223Kb / 8P
12V, 60mA Flash Memory Programming Supply
LTC1263IS8 LINER-LTC1263IS8 Datasheet
207Kb / 8P
12V, 60mA Flash Memory Programming Supply
LTC1263 LINER-LTC1263_15 Datasheet
207Kb / 8P
12V, 60mA Flash Memory Programming Supply
logo
SHANGHAI BELLING CO., L...
BL8052 BELLING-BL8052 Datasheet
596Kb / 5P
12V, 30mA Flash Memory Programming Supply
logo
Maxim Integrated Produc...
MAX662EVKIT MAXIM-MAX662EVKIT Datasheet
350Kb / 8P
12V, 30mA Flash Memory Programming Supply
Rev 0; 12/92
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com