Electronic Components Datasheet Search
  English  ▼

X  

LTC1262 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1262
Description  12V, 30mA Flash Memory Programming Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1262 Datasheet(HTML) 5 Page - Linear Technology

  LTC1262 Datasheet HTML 1Page - Linear Technology LTC1262 Datasheet HTML 2Page - Linear Technology LTC1262 Datasheet HTML 3Page - Linear Technology LTC1262 Datasheet HTML 4Page - Linear Technology LTC1262 Datasheet HTML 5Page - Linear Technology LTC1262 Datasheet HTML 6Page - Linear Technology LTC1262 Datasheet HTML 7Page - Linear Technology LTC1262 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LTC1262
APPLICATIONS INFORMATION
Operation
The LTC1262 uses a charge pump tripler to generate 12V
from a VCC of 5V. The charge pump operates when clocked
by a 300kHz oscillator. When the oscillator output is low,
C1 and C2 are connected between VCC and GND, charging
them to VCC. When the oscillator output goes high, C1 and
C2 are stacked in series with the bottom plate of C1 pulled
to VCC. The top plate of C2 is switched to charge COUT and
VOUT rises. VOUT is regulated to within 5% of 12V by an
oscillator pulse gating scheme. A resistor divider senses
VOUT. When the output of the divider (VDIV) is less than the
output of a bandgap (VBGAP) by the hysteresis voltage
(VHYST) of the comparator, oscillator pulses are applied to
the charge pump to raise VOUT. When VDIV is above VBGAP
by VHYST, the oscillator pulses are prevented from clock-
ing the charge pump. VOUT drops until VDIV is below VBGAP
by VHYST again. The gates of all internal switches are
driven between VOUT and GND. An internal diode ensures
that the LTC1262 will start up under load by charging COUT
to one diode drop below VCC.
To reduce supply current the LTC1262 may be put into
shutdown mode by floating the SHDN pin or taking it to
VCC. In this mode the bandgap, comparator, oscillator and
resistor divider are switched off to reduce supply current
to typically 0.5
µA. At the same time an internal switch
shorts VOUT to VCC; VOUT takes 3.3ms to reach 5.1V (see
tOFF in Figure 1). When the SHDN pin is low, the LTC1262
exits shutdown and the charge pump operates to raise
VOUT to 12V. VOUT takes 500µs to reach the lower regula-
tion limit of 11.4V (see tON in Figure 1).
Choice of Capacitors
The LTC1262 is tested with the capacitors shown in
Figure 2. C1 and C2 are 0.22
µF ceramic capacitors and
CIN and COUT are 4.7µF tantalum capacitors. Refer to
Table 1 if other choices are desired.
Table 1. Recommended Capacitor Types and Values
CAPACITOR
CERAMIC
TANTALUM
ALUMINUM
C1, C2
0.22
µF to 1µF
Not
Not
Recommended
Recommended
COUT
2
µF (Min)
4.7
µF (Min)
10
µF (Min)
CIN
1
µF (Min)
4.7
µF (Min)
10
µF (Min)
C1 and C2 should be ceramic capacitors with values in the
range of 0.22
µF to 1µF. Higher values provide better load
regulation. Tantalum capacitors are not recommended as
the higher ESR of these capacitors degrades performance
when the load current is above 25mA with VCC = 4.75V.
CIN and COUT can be ceramic, tantalum or electrolytic
capacitors. The ESR of COUT introduces steps in the VOUT
waveform whenever the charge pump charges COUT. This
tends to increase VOUT ripple. Ceramic or tantalum capaci-
tors are recommended for COUT if minimum ripple is
desired. The LTC1262 does not require a 0.1
µF capacitor
between VCC and VOUT for stability.
Maximum Load Current
The LTC1262 will source up to 50mA continuously without
any damage to itself. Do not short the VOUT pin to ground.
If the VOUT pin is shorted to ground, irreversible damage
to the device will result.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com