Electronic Components Datasheet Search
  English  ▼

X  

LTC1262 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1262
Description  12V, 30mA Flash Memory Programming Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1262 Datasheet(HTML) 4 Page - Linear Technology

  LTC1262 Datasheet HTML 1Page - Linear Technology LTC1262 Datasheet HTML 2Page - Linear Technology LTC1262 Datasheet HTML 3Page - Linear Technology LTC1262 Datasheet HTML 4Page - Linear Technology LTC1262 Datasheet HTML 5Page - Linear Technology LTC1262 Datasheet HTML 6Page - Linear Technology LTC1262 Datasheet HTML 7Page - Linear Technology LTC1262 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1262
BLOCK DIAGRAM
TI I G DIAGRA S
Figure 2. LTC1262 Timing Circuit
S3B
S3D
S3A
S4A
S4B
S1 AND S2 SHOWN WITH SHDN PIN LOW.
S3A, S3B, S3C, S3D, S4A AND S4B SHOWN WITH OSCILLATOR OUTPUT LOW AND VDIV < VBGAP – VHYST.
COMPARATOR HYSTERISIS IS
±VHYST.
C1
C1+
C1–
C2
C2+
C2–
CHARGE
PUMP
S3C
D2
D1
VBGAP
S1
LTC1262 • BD
S2
R3
R1
R2
VOUT
VCC
SHDN
GND
COUT
BANDGAP
REFERENCE
OSCILLATOR
CIN
VDIV
+
+
Figure 1. LTC1262 Timing Diagram
1
2
3
4
8
7
6
5
C1
0.22
µF
C2
0.22
µF
COUT
4.7
µF
VSHUTDOWN
VOUT
LTC1262 • F02
VCC
4.75V TO 5V
CIN
4.7
µF
C1–
C1+
C2–
C2+
SHDN
GND
VOUT
VCC
LTC1262
1.4V
5.1V
1.4V
VSHDN
VOUT
VCC
VCC
VOUT
11.4V
0V
LTC1262 • F01
t OFF
t ON



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com