Electronic Components Datasheet Search
  English  ▼

X  

LT1937 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1937
Description  White LED Step-Up Converter in SC70 and ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1937 Datasheet(HTML) 2 Page - Linear Technology

  LT1937 Datasheet HTML 1Page - Linear Technology LT1937 Datasheet HTML 2Page - Linear Technology LT1937 Datasheet HTML 3Page - Linear Technology LT1937 Datasheet HTML 4Page - Linear Technology LT1937 Datasheet HTML 5Page - Linear Technology LT1937 Datasheet HTML 6Page - Linear Technology LT1937 Datasheet HTML 7Page - Linear Technology LT1937 Datasheet HTML 8Page - Linear Technology LT1937 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1937
1937f
Input Voltage (VIN) ................................................. 10V
SW Voltage ............................................................. 36V
FB Voltage .............................................................. 10V
SHDN Voltage ......................................................... 10V
TJMAX = 125°C, θJA = 256°C/ W IN FREE AIR
θJA = 120°C ON BOARD OVER GROUND PLANE
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges.
SW 1
GND 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
FB 3
5 VIN
4 SHDN
ORDER PART
NUMBER
S5 PART MARKING
LT1937ES5
LTYN
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
2.5
V
Maximum Operating Voltage
10
V
Feedback Voltage
ISW = 100mA, Duty Cycle = 66%
86
95
104
mV
FB Pin Bias Current
10
45
100
nA
Supply Current
1.9
2.5
mA
SHDN = 0V
0.1
1.0
µA
Switching Frequency
0.8
1.2
1.6
MHz
Maximum Duty Cycle
85
90
%
Switch Current Limit
320
mA
Switch VCESAT
ISW = 250mA
350
mV
Switch Leakage Current
VSW = 5V
0.01
5
µA
SHDN Voltage High
1.5
V
SHDN Voltage Low
0.4
V
SHDN Pin Bias Current
65
µA
TA = 25°C, VIN = 3V, VSHDN = 3V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: The LT1937E is guaranteed to meet specifications from 0
°C to
70
°C. Specifications over the –40°C to 85°C operating temperature range
are assured by design, characterization and correlation with statistical
process controls.
Extended Commercial
Operating Temperature Range (Note 2) ... – 40
°C to 85°C
Maximum Junction Temperature .......................... 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
(Note 1)
ORDER PART
NUMBER
SC6 PART MARKING
LT1937ESC6
LAAB
SW 1
GND 2
FB 3
6 VIN
5 GND
4 SHDN
TOP VIEW
SC6 PACKAGE
6-LEAD PLASTIC SC70
TJMAX = 125°C, θJA = 256°C/ W IN FREE AIR
θJA = 150°C ON BOARD OVER GROUND PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com