Electronic Components Datasheet Search
  English  ▼

X  

LT1937 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1937
Description  White LED Step-Up Converter in SC70 and ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1937 Datasheet(HTML) 4 Page - Linear Technology

  LT1937 Datasheet HTML 1Page - Linear Technology LT1937 Datasheet HTML 2Page - Linear Technology LT1937 Datasheet HTML 3Page - Linear Technology LT1937 Datasheet HTML 4Page - Linear Technology LT1937 Datasheet HTML 5Page - Linear Technology LT1937 Datasheet HTML 6Page - Linear Technology LT1937 Datasheet HTML 7Page - Linear Technology LT1937 Datasheet HTML 8Page - Linear Technology LT1937 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1937
1937f
–
+
RQ
S
0.2
Ω
SW
DRIVER
COMPARATOR
2
SHDN
4
1
VIN
3
FB
95mV
5
–
+
Σ
RAMP
GENERATOR
RC
CC
1.2MHz
OSCILLATOR
GND
1937 BD1
Q1
A2
A1
SHUTDOWN
VREF
1.25V
(PIN 6 FOR
SC70 PACKAGE)
(PINS 2 AND 5 FOR
SC70 PACKAGE)
BLOCK DIAGRA
OPERATIO
The LT1937 uses a constant frequency, current mode
control scheme to provide excellent line and load regula-
tion. Operation can be best understood by referring to the
block diagram in Figure 2. At the start of each oscillator
cycle, the SR latch is set, which turns on the power switch
Q1. A voltage proportional to the switch current is added
to a stabilizing ramp and the resulting sum is fed into the
positive terminal of the PWM comparator A2. When this
voltage exceeds the level at the negative input of A2, the SR
latch is reset turning off the power switch. The level at the
negative input of A2 is set by the error amplifier A1, and is
simply an amplified version of the difference between the
feedback voltage and the reference voltage of 95mV. In
this manner, the error amplifier sets the correct peak
current level to keep the output in regulation. If the error
amplifier’s output increases, more current is delivered to
the output; if it decreases, less current is delivered.
Minimum Output Current
The LT1937 can regulate three series LEDs connected at
low output currents, down to approximately 4mA from a
4.2V supply, without pulse skipping, using the same
external components as specified for 15mA operation. As
current is further reduced, the device will begin skipping
Figure 2. LT1937 Block Diagram
pulses. This will result in some low frequency ripple,
although the LED current remains regulated on an average
basis down to zero. The photo in Figure 3 details circuit
operation driving three white LEDs at a 4mA load. Peak
inductor current is less than 50mA and the regulator
operates in discontinuous mode, meaning the inductor
current reaches zero during the discharge phase. After the
inductor current reaches zero, the switch pin exhibits
ringing due to the LC tank circuit formed by the inductor
in combination with switch and diode capacitance. This
ringing is not harmful; far less spectral energy is contained
in the ringing than in the switch transitions. The ringing
can be damped by application of a 300
Ω resistor across
the inductor, although this will degrade efficiency.
VSW
5V/DIV
IL2
50mA/DIV
VOUT
100mV/DIV
0.2
µs/DIV
1937 F03
Figure 3. Switching Waveforms at ILED = 4mA, VIN = 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com