Electronic Components Datasheet Search
  English  ▼

X  

LT1937 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1937
Description  White LED Step-Up Converter in SC70 and ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1937 Datasheet(HTML) 3 Page - Linear Technology

  LT1937 Datasheet HTML 1Page - Linear Technology LT1937 Datasheet HTML 2Page - Linear Technology LT1937 Datasheet HTML 3Page - Linear Technology LT1937 Datasheet HTML 4Page - Linear Technology LT1937 Datasheet HTML 5Page - Linear Technology LT1937 Datasheet HTML 6Page - Linear Technology LT1937 Datasheet HTML 7Page - Linear Technology LT1937 Datasheet HTML 8Page - Linear Technology LT1937 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1937
1937f
TYPICAL PERFOR A CE CHARACTERISTICS
Current Limit vs Duty Cycle
Quiescent Current
SHDN Pin Bias Current
Switching Frequency
Feedback Bias Current
PI FU CTIO S
SW (Pin 1): Switch Pin. Connect inductor/diode here.
Minimize trace area at this pin to reduce EMI.
GND (Pin 2): Ground Pin. Connect directly to local ground
plane.
FB (Pin 3): Feedback Pin. Reference voltage is 95mV.
Connect cathode of lowest LED and resistor here. Calcu-
late resistor value according to the formula:
RFB = 95mV/ILED
SHDN (Pin 4): Shutdown Pin. Connect to 1.5V or higher to
enable device; 0.4V or less to disable device.
GND (Pin 5, SC70 Package): Ground Pin. Connect to Pin
2 and to local ground plane
VIN (Pin 5/Pin 6 SC70 Package): Input Supply Pin. Must
be locally bypassed.
VIN (V)
0
0
0.4
0.8
1.2
1.6
2468
1937 G01
10
2.0
0.2
0.6
1.0
1.4
1.8
2.2
–50
°C
100
°C
25
°C
TEMPERATURE (
°C)
–50
350
25
1937 G02
200
100
–25
0
50
50
0
400
300
250
150
75
100
SHDN = 10V
SHDN = 3.6V
SHDN = 3V
SHDN = 2.7V
TEMPERATURE (
°C)
–50
0.8
1.0
1.4
25
75
1937 G03
0.6
0.4
–25
0
50
100
0.2
0
1.2
TEMPERATURE (
°C)
–50
40
50
60
25
75
1937 G04
30
20
–25
0
50
100
10
0
Efficiency vs Temperature
TEMPERATURE (
°C)
–50
82
83
1937 G05
81
80
0
50
100
85
84
ILED = 20mA
ILED = 15mA
ILED = 10mA
VIN = 3.6V
3 LEDs
DUTY CYCLE (%)
0
350
300
250
200
150
100
50
0
60
1937 G06
20
40
80
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com