Electronic Components Datasheet Search
  English  ▼

X  

LT1945 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1945
Description  Dual Micropower DC/DC Converter with Positive and Negative Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1945 Datasheet(HTML) 1 Page - Linear Technology

  LT1945 Datasheet HTML 1Page - Linear Technology LT1945 Datasheet HTML 2Page - Linear Technology LT1945 Datasheet HTML 3Page - Linear Technology LT1945 Datasheet HTML 4Page - Linear Technology LT1945 Datasheet HTML 5Page - Linear Technology LT1945 Datasheet HTML 6Page - Linear Technology LT1945 Datasheet HTML 7Page - Linear Technology LT1945 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LT1945
1
1945fa
TYPICAL APPLICATION
DESCRIPTION
Dual Micropower DC/DC
Converter with Positive and
Negative Outputs
The LT
®1945 is a dual micropower DC/DC converter in a
10-pin MSOP package. Each converter is designed with
a 350mA current limit and an input voltage range of 1.2V
to 15V, making the LT1945 ideal for a wide variety of ap-
plications. Both converters feature a quiescent current of
only 20μA at no load, which further reduces to 0.5μA in
shutdown. A current limited, fixed off-time control scheme
conserves operating current, resulting in high efficiency
over a broad range of load current. The 36V switch allows
high voltage outputs up to
±34V to be easily generated
without the use of costly transformers. The LT1945’s
low off-time of 400ns permits the use of tiny, low profile
inductors and capacitors to minimize footprint and cost
in space-conscious portable applications.
Dual Output (+12V, –20V) Converter
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
FEATURES
APPLICATIONS
n Small TFT LCD Panels
n Handheld Computers
n Battery Backup
n Digital Cameras
n Generates Well-Regulated Positive and
Negative Outputs
n Low Quiescent Current:
20μA in Active Mode (per Converter)
<1μA in Shutdown Mode
n Operates with VIN as Low as 1.2V
n Low VCESAT Switch: 250mV at 300mA
n Uses Small Surface Mount Components
n High Output Voltage: Up to
±34V
n Tiny 10-Pin MSOP Package
Efficiency at VIN = 3.6V
VIN
SW1
FB2
LT1945
4
3
L1
10μH
D1
D2
SHDN2
24.9k
365k
C2
1μF
–20V
10mA
VIN
2.7V
TO 5V
1945 TA01
GND
7
PGND
9
PGND
6
810
SW2
4.7pF
C1
4.7μF
C4
0.1μF
NFB1
2
5
1
SHDN1
L2
10μH
D3
1M
115k
C3
1μF
100pF
C1: TAIYO YUDEN JMK212BJ475
C2, C3: TAIYO YUDEN TMK316BJ105
C4: TAIYO YUDEN EMK107BJ104
D1, D2, D3: ZETEX ZHCS400
L1, L2: MURATA LQH3C100
12V
20mA
LOAD CURRENT (mA)
0.1
1
10
100
1945 TA01a
90
85
80
75
70
65
60
55
50
+12V OUTPUT
–20V OUTPUT


Similar Part No. - LT1945

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1945 LINER-LT1945 Datasheet
142Kb / 8P
Dual Micropower DC/DC Converter with Positive and Negative Outputs
LT1945 LINER-LT1945 Datasheet
274Kb / 28P
Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT1945EMS LINER-LT1945EMS Datasheet
142Kb / 8P
Dual Micropower DC/DC Converter with Positive and Negative Outputs
More results

Similar Description - LT1945

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11830 TOKO-TK11830 Datasheet
85Kb / 13P
POSITIVE-TO-NEGATIVE DC-DC CONVERTER
TK11835 TOKO-TK11835 Datasheet
13Kb / 1P
POSITIVE TO NEGATIVE DC-DC CONVERTER
logo
Linear Technology
LT1945 LINER-LT1945 Datasheet
142Kb / 8P
Dual Micropower DC/DC Converter with Positive and Negative Outputs
logo
Texas Instruments
TPS65130 TI-TPS65130 Datasheet
550Kb / 29P
POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65130RGER TI-TPS65130RGER Datasheet
1Mb / 34P
POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65130RGER TI1-TPS65130RGER Datasheet
1Mb / 34P
POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65130 TI-TPS65130_15 Datasheet
1Mb / 32P
TPS6513x Positive and Negative Output DC-DC Converter
TPS65130 TI1-TPS65130_16 Datasheet
1Mb / 32P
Positive and Negative Output DC-DC Converter
TPS65131-Q1 TI1-TPS65131-Q1 Datasheet
1Mb / 33P
Positive- and Negative-Output DC-DC Converter
logo
Maxim Integrated Produc...
MAX685 MAXIM-MAX685_V01 Datasheet
350Kb / 11P
Dual-Output (Positive and Negative), DC-DC Converter for CCD and LCD
2003
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com