Electronic Components Datasheet Search
  English  ▼

X  

LT1945 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1945
Description  Dual Micropower DC/DC Converter with Positive and Negative Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1945 Datasheet(HTML) 2 Page - Linear Technology

  LT1945 Datasheet HTML 1Page - Linear Technology LT1945 Datasheet HTML 2Page - Linear Technology LT1945 Datasheet HTML 3Page - Linear Technology LT1945 Datasheet HTML 4Page - Linear Technology LT1945 Datasheet HTML 5Page - Linear Technology LT1945 Datasheet HTML 6Page - Linear Technology LT1945 Datasheet HTML 7Page - Linear Technology LT1945 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LT1945
2
1945fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, SHDN1, SHDN2 Voltage.....................................15V
SW1, SW2 Voltage....................................................36V
NFB1 Voltage ............................................................–3V
FB2 Voltage............................................................... VIN
Current into NFB1 Pin ............................................–1mA
Current into FB2 Pin................................................1mA
Junction Temperature ........................................... 125°C
Operating Temperature Range (Note 2).... –40°C to 85°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
1
2
3
4
5
NFB1
SHDN1
GND
SHDN2
FB2
10
9
8
7
6
SW1
PGND
VIN
PGND
SW2
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 160°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1945EMS#PBF
LT1945EMS#TRPBF
LTTS
10-Lead Plastic MSOP
–40°C to 85°C
LT1945IMS#PBF
LT1945IMS#TRPBF
LTTS
10-Lead Plastic MSOP
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1945EMS
LT1945EMS#TR
LTTS
10-Lead Plastic MSOP
–40°C to 85°C
LT1945IMS
LT1945IMS#TR
LTTS
10-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
1.2
V
Quiescent Current, (per Converter)
Not Switching
VSHDN = 0V
20
30
1
μA
μA
NFB1 Comparator Trip Point
–40°C < TJ < 85°C
–40°C < TJ < 125°C
–1.205
–1.195
–1.23
–1.255
1.255
V
V
FB2 Comparator Trip Point
–40°C < TJ < 85°C
–40°C < TJ < 125°C
1.205
1.195
1.23
1.255
1.255
V
V
FB Comparator Hysteresis
8mV
NFB1, FB2 Voltage Line Regulation
1.2V < VIN < 12V
0.05
0.1
%/V
NFB1 Pin Bias Current (Note 3)
VNFB1= –1.23V
l
1.3
2
2.9
μA
FB2 Pin Bias Current (Note 4)
–40°C < TJ < 85°C
–40°C < TJ < 125°C
30
80
300
nA
nA
Switch Off Time, Switcher 1 (Note 5)
400
ns
Switch Off Time, Switcher 2 (Note 5)
VFB2 > 1V
VFB2 < 0.6V
400
1.5
ns
μs
Switch VCESAT
ISW = 300mA
250
350
mV
Switch Current Limit
250
350
400
mA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 1.2V, VSHDN = 1.2V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com