Electronic Components Datasheet Search
  English  ▼

X  

LT1945 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1945
Description  Dual Micropower DC/DC Converter with Positive and Negative Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1945 Datasheet(HTML) 3 Page - Linear Technology

  LT1945 Datasheet HTML 1Page - Linear Technology LT1945 Datasheet HTML 2Page - Linear Technology LT1945 Datasheet HTML 3Page - Linear Technology LT1945 Datasheet HTML 4Page - Linear Technology LT1945 Datasheet HTML 5Page - Linear Technology LT1945 Datasheet HTML 6Page - Linear Technology LT1945 Datasheet HTML 7Page - Linear Technology LT1945 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LT1945
3
1945fa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 1.2V, VSHDN = 1.2V unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to any Absolute Maximum
Rating condition for extended periods may affect device reliability and lifetime.
Note 2: The LT1945E is guaranteed to meet performance specifications
from 0°C to 70°C junction temperature. Specifications over the –40°C
to 85°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT1945I is guaranteed over the full –40°C to 125°C operating junction
temperature range.
Note 3: Bias current flows out of the NFB1 pin.
Note 4: Bias current flows into the FB2 pin.
Note 5: See Figure 1 for Switcher 1 and Switcher 2 locations.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SHDN Pin Current
VSHDN = 1.2V
VSHDN = 5V
2
8
3
12
μA
μA
SHDN Input Voltage High
0.9
V
SHDN Input Voltage Low
0.25
V
Switch Leakage Current
Switch Off, VSW = 5V
0.01
5
μA
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
1945 G01
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
ISWITCH = 500mA
ISWITCH = 300mA
TEMPERATURE (°C)
–50
1945 G02
1.25
1.24
1.23
1.22
1.21
1.20
50
40
30
20
10
0
CURRENT
VOLTAGE
–25
0
25
50
75
100
TEMPERATURE (°C)
1945 G03
–1.25
–1.24
–1.23
–1.22
–1.21
–1.20
–50
–25
0
0
1
2
3
4
5
25
50
75
100
VOLTAGE
CURRENT
TEMPERATURE (°C)
1945 G04
550
500
450
400
350
300
250
–50
–25
0
25
50
75
100
VIN = 1.2V
VIN = 12V
TEMPERATURE (°C)
1945 G05
400
350
300
250
200
150
100
50
0
–50
–25
0
25
50
75
100
VIN = 12V
VIN = 1.2V
TEMPERATURE (°C)
1945 G06
25
23
21
19
17
15
–50
–25
0
25
50
75
100
VIN = 12V
VIN = 1.2V
VFB = 1.23V
NOT SWITCHING
Switch Off Time
Switch Current Limit
Quiescent Current
Switch Saturation Voltage
(VCESAT)
FB2 Pin Voltage and
Bias Current
NFB1 Pin Voltage and
Bias Current



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com