Electronic Components Datasheet Search
  English  ▼

X  

LTC1480 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1480
Description  3.3V Ultralow Power RS485 Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1480 Datasheet(HTML) 1 Page - Linear Technology

  LTC1480 Datasheet HTML 1Page - Linear Technology LTC1480 Datasheet HTML 2Page - Linear Technology LTC1480 Datasheet HTML 3Page - Linear Technology LTC1480 Datasheet HTML 4Page - Linear Technology LTC1480 Datasheet HTML 5Page - Linear Technology LTC1480 Datasheet HTML 6Page - Linear Technology LTC1480 Datasheet HTML 7Page - Linear Technology LTC1480 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LTC1480
1
1480fa
OUTPUT CURRENT (mA)
0
0
0.5
1.0
1.5
2.0
2.5
60
70
80
1480 TA02
10
20
30
40
50
90
3.0
3.5
VCC = 3.3V
TA = 25°C
APPLICATIO S
DESCRIPTIO
FEATURES
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
■ True RS485 from a Single 3.3V Supply
■ Low Power: ICC = 500µA Max with Driver Disabled
■
ICC = 600µA Max with Driver Enabled, No Load
■ 1
µA Quiescent in Shutdown Mode
■ –7V to 12V Common Mode Range Permits
±7V
Ground Difference Between Devices on the Data Line
■ Thermal Shutdown Protection
■ Power Up/Down Glitch-Free Driver Outputs Permit
Live Insertion or Removal of Transceiver
■ Driver Maintains High Impedance in Three-State or
with the Power Off
■
Up to 32 Transceivers on the Bus
■ 50ns Typical Driver Propagation Delays with
10ns Skew
■
Pin Compatible with the LTC485
■ Available in 8-Lead DIP and SO Packages
3.3V Ultralow Power
RS485 Transceiver
The LTC
®1480 is an ultralow power differential line trans-
ceiver which provides full RS485 compatibility while oper-
ating from a single 3.3V supply. It is designed for data
transmission standard RS485 applications with extended
common mode range (12V to –7V). It also meets the
requirements of RS422 and features high speed operation
up to 2.5Mb/s. The CMOS design offers significant power
savings without sacrificing ruggedness against overload
or ESD damage. Typical quiescent current is only 300
µA
while operating and 1
µA in shutdown.
The driver and receiver feature three-state outputs, with
the driver outputs maintaining high impedance over the
entire common mode range. Excessive power dissipation
caused by bus contention or faults is prevented by a
thermal shutdown circuit which forces the driver outputs
into a high impedance state. The receiver has a fail-safe
feature which guarantees a high output state when the
inputs are left open.
The LTC1480 is fully specified over the commercial and
extended industrial temperature range. The LTC1480 is
available in 8-pin SO and DIP packages.
■ Battery-Powered RS485/RS422 Applications
■ Low Power RS485/RS422 Transceiver
■ Level Translator
Driver Differential
Output Voltage vs Output Current
3.3V RS485 Network
RO
RE
DE
1480 TA01
LTC1480
LTC1480
A
A
B
B
A
B
120
Ω
120
Ω
SHIELD
SHIELD
R
3.3V
RO
RE
DE
LTC1480
R
3.3V
3.3V
R
D
RO
RE DE DI
D
DI
DI
D


Similar Part No. - LTC1480

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1480 LINER-LTC1480 Datasheet
231Kb / 8P
3.3V Ultra-Low Power RS485 Transceiver
LTC1480 LINER-LTC1480 Datasheet
340Kb / 18P
20Mbps RS485 Transceivers
LTC1480C LINER-LTC1480C Datasheet
231Kb / 8P
3.3V Ultra-Low Power RS485 Transceiver
LTC1480CN8 LINER-LTC1480CN8 Datasheet
231Kb / 8P
3.3V Ultra-Low Power RS485 Transceiver
LTC1480CS8 LINER-LTC1480CS8 Datasheet
231Kb / 8P
3.3V Ultra-Low Power RS485 Transceiver
More results

Similar Description - LTC1480

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1480 LINER-LTC1480 Datasheet
231Kb / 8P
3.3V Ultra-Low Power RS485 Transceiver
LTC1535 LINER-LTC1535 Datasheet
226Kb / 12P
Isolated RS485 Transceiver
LTC485 LINER-LTC485 Datasheet
327Kb / 12P
Low Power RS485 Interface Transceiver
LTC485 LINER-LTC485_06 Datasheet
282Kb / 12P
Low Power RS485 Interface Transceiver
LTC1481 LINER-LTC1481_1 Datasheet
155Kb / 8P
Ultralow Power RS485 Transceiver with Shutdown
LTC1535 LINER-LTC1535_1 Datasheet
247Kb / 16P
Isolated RS485 Transceiver
LTC1535 LINER-LTC1535_2 Datasheet
263Kb / 18P
Isolated RS485 Transceiver
LTC485IS8 LINER-LTC485IS8 Datasheet
294Kb / 14P
Low Power RS485 Interface Transceiver
LTC485 LINER-LTC485_15 Datasheet
308Kb / 14P
Low Power RS485 Interface Transceiver
LTC1481 LINER-LTC1481_15 Datasheet
165Kb / 8P
Ultralow Power RS485 Transceiver with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com