Electronic Components Datasheet Search
  English  ▼

X  

LTC1480 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1480
Description  3.3V Ultralow Power RS485 Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1480 Datasheet(HTML) 6 Page - Linear Technology

  LTC1480 Datasheet HTML 1Page - Linear Technology LTC1480 Datasheet HTML 2Page - Linear Technology LTC1480 Datasheet HTML 3Page - Linear Technology LTC1480 Datasheet HTML 4Page - Linear Technology LTC1480 Datasheet HTML 5Page - Linear Technology LTC1480 Datasheet HTML 6Page - Linear Technology LTC1480 Datasheet HTML 7Page - Linear Technology LTC1480 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LTC1480
6
1480fa
LOGIC
VCC
SD3
P1
D1
OUTPUT
SD4
D2
N1
1480 F10
P1
LOGIC
VCC
P1
D1
OUTPUT
D2
N1
1480 F09
1.5V
tZL(SHDN), tZL
tZH(SHDN), tZH
1.5V
1.5V
1.5V
tLZ
0.5V
0.5V
tHZ
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
3V
0V
RE
3.3V
VOL
VOH
0V
RO
RO
1480 F08
f = 1MHz, tr ≤ 10ns, tf ≤ 10ns
1.5V
tPHL
RO
–VOD2
A – B
0V
0V
1.5V
tPLH
OUTPUT
INPUT
VOD2
VOL
VOH
1480 F07
f = 1MHz, tr ≤ 10ns, tf ≤ 10ns
1.5V
2.3V
2.3V
tZH(SHDN), tZH
tZL(SHDN), tZL
1.5V
tLZ
0.5V
0.5V
tHZ
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
3V
0V
DE
3.3V
VOL
VOH
0V
A, B
A, B
1480 F06
f = 1MHz, tr ≤ 10ns, tf ≤ 10ns
APPLICATIO S I FOR ATIO
SWITCHI G TI E WAVEFOR S
CMOS Output Driver
The LTC1480 transceiver provides full RS485 compatibility
while operating from a single 3.3V supply. The RS485
specification requires that a transceiver withstand common
mode voltages of up to 12V or –7V at the RS485 line
connections. Additionally, the transceiver must be immune
to both ESD and latch-up. This rules out traditional CMOS
drivers, which include parasitic diodes from their driver
outputs to each supply rail (Figure 9). The LTC1480 uses a
proprietary process enhancement which adds a pair of
Schottky diodes to the output stage (Figure 10), preventing
Figure 9. Conventional
CMOS Output Stage
Figure 10.
LTC1480 Output Stage
Figure 6. Driver Enable and Disable Times
Figure 7. Receiver Propagation Delays
Figure 8. Receiver Enable and Disable Times



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com