Electronic Components Datasheet Search
  English  ▼

X  

LTC1480 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1480
Description  3.3V Ultralow Power RS485 Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1480 Datasheet(HTML) 4 Page - Linear Technology

  LTC1480 Datasheet HTML 1Page - Linear Technology LTC1480 Datasheet HTML 2Page - Linear Technology LTC1480 Datasheet HTML 3Page - Linear Technology LTC1480 Datasheet HTML 4Page - Linear Technology LTC1480 Datasheet HTML 5Page - Linear Technology LTC1480 Datasheet HTML 6Page - Linear Technology LTC1480 Datasheet HTML 7Page - Linear Technology LTC1480 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LTC1480
4
1480fa
TEMPERATURE (
°C)
–40
2.0
2.4
3.0
0
40
60
1480 G09
2.2
2.8
2.6
–20
20
80
100
VCC = 3.3V
IO = 8mA
TEMPERATURE (
°C)
–40
0.4
0.5
0.6
20
60
1480 G08
0.3
0.2
–20
0
40
80
100
0.1
0
VCC = 3.3V
IO = 8mA
PI FU CTIO S
TEMPERATURE (
°C)
–40
12
10
8
6
4
2
0
20
60
1480 G07
–20
0
40
80
100
VCC = 3.3V
OUTPUT VOLTAGE (V)
3.30
–8
–10
–12
1.30
1480 G06
–6
–4
0
2.80
2.30
1.80
–2
–16
–14
3.05
2.55
2.05
1.55
VCC = 3.3V
TA = 25°C
OUTPUT VOLTAGE (V)
0
15
20
25
1.6
1480 G05
10
5
0
0.2 0.4 0.6
1.0
1.4
1.8
0.8
1.2
2.0
VCC = 3.3V
TA = 25°C
TEMPERATURE (
°C)
–40
6.5
20
1480 G04
5.0
4.0
–20
0
40
3.5
3.0
7.0
6.0
5.5
4.5
60
80
100
VCC = 3.3V
TYPICAL PERFORMANCE CHARACTERISTICS
high, the driver outputs will be fed back to the receiver and
the receive output will correspond to the driver input.
DI (Pin 4): Driver Input. If the driver outputs are enabled
(DE HIGH) then a low on DI forces the outputs A LOW and
B HIGH. A HIGH on DI with the driver outputs enabled will
force A HIGH and B LOW.
GND (Pin 5): Ground.
A (Pin 6): Driver Output/Receiver Input.
B (Pin 7): Driver Output/Receiver Input.
VCC (Pin 8): Positive Supply. 3.0V < VCC < 3.6V.
RO (Pin 1): Receiver Output. If the receiver output is
enabled (RE LOW) and A > B by 200mV, then RO will be
HIGH. If A < B by 200mV, then RO will be LOW.
RE (Pin 2): Receiver Output Enable. A LOW enables the
receiver output, RO. A HIGH input forces the receiver
output into a high impedance state.
DE (Pin 3): Driver Outputs Enable. A HIGH on DE enables
the driver output. A, B and the chip will function as a line
driver. A low input will force the driver outputs into a high
impedance state and the chip will function as a line
receiver. If RE is high and DE is LOW, the part will enter a
low power (1
µA) shutdown state. If RE is low and DE is
Receiver Output Low Voltage
vs Output Current
Receiver Output High Voltage
vs Output Current
Driver Skew vs Temperature
Receiver
⏐⏐⏐⏐⏐tPLH – tPHL⏐⏐⏐⏐⏐
vs Temperature
Receiver Output Low Voltage
vs Temperature
Receiver Output High Voltage
vs Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com