Electronic Components Datasheet Search
  English  ▼

X  

LT4320 Datasheet(PDF) 1 Page - Linear Technology

Part # LT4320
Description  Ideal Diode Bridge Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4320 Datasheet(HTML) 1 Page - Linear Technology

  LT4320 Datasheet HTML 1Page - Linear Technology LT4320 Datasheet HTML 2Page - Linear Technology LT4320 Datasheet HTML 3Page - Linear Technology LT4320 Datasheet HTML 4Page - Linear Technology LT4320 Datasheet HTML 5Page - Linear Technology LT4320 Datasheet HTML 6Page - Linear Technology LT4320 Datasheet HTML 7Page - Linear Technology LT4320 Datasheet HTML 8Page - Linear Technology LT4320 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LT4320/LT4320-1
1
4320fb
For more information www.linear.com/LT4320
Features
Description
Ideal Diode Bridge
Controller
The LT®4320/LT4320-1 are ideal diode bridge controllers
that drive four N-channel MOSFETs, supporting voltage
rectification from DC to 600Hz typical. By maximizing
available voltage and reducing power dissipation (see
thermograph comparison below), the ideal diode bridge
simplifies power supply design and reduces power supply
cost, especially in low voltage applications.
An ideal diode bridge also eliminates thermal design
problems, costly heat sinks, and greatly reduces PC board
area. The LT4320’s internal charge pump supports an all-
NMOS design, which eliminates larger and more costly
PMOS switches. If the power source fails or is shorted, a
fast turn-off minimizes reverse current transients.
The LT4320 is designed for DC to 60Hz typical voltage
rectification, while the LT4320-1 is designed for DC to
600Hz typical voltage rectification. Higher frequencies of
operation are possible depending on MOSFET size and
operating load current.
applications
n
Maximizes Power Efficiency
n
Eliminates Thermal Design Problems
n
DC to 600Hz
n
9V to 72V Operating Voltage Range
n
IQ = 1.5mA (Typical)
n
Maximizes Available Voltage
n
Available in 8-Lead (3mm
× 3mm) DFN, 12-Lead
MSOP and 8-Lead PDIP Packages
n
Security Cameras
n
Terrestrial or Airborne Power Distribution Systems
n
Power-over-Ethernet Powered Device with a
Secondary Input
n
Polarity-Agnostic Power Input
n
Diode Bridge Replacement
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Patent pending.
+
–
~
~
TG1
IN1
LT4320
BG2
IN2
BG1
TG2
OUTN
OUTP
4320 TA01a
OUTPUT
9V TO 72V
INPUT
DC TO 600Hz (TYP)
Thermograph of Passive Diode Bridge
Thermograph of LT4320
Driving Four MOSFETs
SBM1040 (
×4)
4320 TA01b
typical application
Temperature Rise
CURRENT
MOSFET
2.5mΩ
DIODE
SBM
1040
2A
0.6°C
15°C
4A
3.5°C
32°C
6A
6.7°C
49°C
8A
11°C
66°C
10A
16°C
84°C
DC Input, On Same PCB
LT4320+2.5m FET (
×4)
CONDITIONS: 24V ACIN, 9.75A DC LOAD ON SAME PCB
4320 TA01c


Similar Part No. - LT4320

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT4320 AD-LT4320 Datasheet
879Kb / 29P
Floating, High-Voltage Active Rectifier Controller
Rev. 0
logo
Linear Technology
LT4320-1 LINER-LT4320-1 Datasheet
960Kb / 14P
Ideal Diode Bridge Controller
logo
Analog Devices
LT4320-1 AD-LT4320-1 Datasheet
879Kb / 29P
Floating, High-Voltage Active Rectifier Controller
Rev. 0
logo
Linear Technology
LT4320-1 LINER-LT4320-1_15 Datasheet
960Kb / 14P
Ideal Diode Bridge Controller
More results

Similar Description - LT4320

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4352 LINER-LTC4352 Datasheet
199Kb / 16P
Low Voltage Ideal Diode Controller with Monitoring
LTC4357 LINER-LTC4357 Datasheet
146Kb / 12P
Positive High Voltage Ideal Diode Controller
LT4320-1 LINER-LT4320-1_15 Datasheet
960Kb / 14P
Ideal Diode Bridge Controller
LTC4357 LINER-LTC4357_15 Datasheet
793Kb / 14P
Positive High Voltage Ideal Diode Controller
LT4321 LINER-LT4321_15 Datasheet
177Kb / 12P
PoE Ideal Diode Bridge Controller
LTC4229 LINER-LTC4229_15 Datasheet
413Kb / 28P
Ideal Diode and Hot Swap Controller
LTC4228-2 LINER-LTC4228-2_15 Datasheet
384Kb / 24P
Dual Ideal Diode and Hot Swap Controller
logo
Analog Devices
LTC4372 AD-LTC4372 Datasheet
1Mb / 20P
Low Quiescent Current Ideal Diode Controller
logo
AAEON Technology
UP-POE-A20-0001 AAEON-UP-POE-A20-0001 Datasheet
520Kb / 1P
PoE Ideal Diode Bridge & PD Forward/Flyback Controller
logo
ON Semiconductor
NCV68061 ONSEMI-NCV68061 Datasheet
221Kb / 13P
Ideal Diode NMOS Controller
October, 2021 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com