Electronic Components Datasheet Search
  English  ▼

X  

LT4320 Datasheet(PDF) 3 Page - Linear Technology

Part # LT4320
Description  Ideal Diode Bridge Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4320 Datasheet(HTML) 3 Page - Linear Technology

  LT4320 Datasheet HTML 1Page - Linear Technology LT4320 Datasheet HTML 2Page - Linear Technology LT4320 Datasheet HTML 3Page - Linear Technology LT4320 Datasheet HTML 4Page - Linear Technology LT4320 Datasheet HTML 5Page - Linear Technology LT4320 Datasheet HTML 6Page - Linear Technology LT4320 Datasheet HTML 7Page - Linear Technology LT4320 Datasheet HTML 8Page - Linear Technology LT4320 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LT4320/LT4320-1
3
4320fb
For more information www.linear.com/LT4320
electrical characteristics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OUTP Voltage Range
l
9
72
V
OUTP Undervoltage Lockout (UVLO) Threshold
INn = OUTP, Other IN = 0V
l
6.2
6.6
7.0
V
VINT
INn Turn-On/Off Threshold
OUTP = 9V, Other IN = 0V
l
1.3
3.7
V
IOUTP
OUTP Pin Current
INn = OUTP+
∆VSD(MAX) + 5mV, Other IN = 0V l
1.0
1.5
mA
IINn
INn Pin Current
at 9V
at 72V
INn = OUTP+
∆VSD(MAX) + 5mV, Other IN = 0V
l
l
44
0.3
63
0.4
µA
mA
∆VSD
Topside Source-Drain Regulation Voltage (INn – OUTP)
LT4320
LT4320-1
l
l
8
26
20
40
35
55
mV
mV
∆VTGATE Top Gate Drive (TGn – INn)
INn = OUTP+
∆VSD(MAX) + 5mV, 10μA Out of
TGn, Other IN = 0V
l
6.6
10.8
V
VBGATE
Bottom Gate Drive (BGn)
INn = OUTP, 10μA Out of BGn, Other IN = 0V l
7.0
12
V
ITGUn
Top Gate Pull-Up Current
TGn – INn = 0V, INn = OUTP + 0.1V
TGn – INn = 5V, INn = OUTP + 0.1V
Current Flows Out of TGn, Other IN = 0V
l
l
425
120
µA
µA
ITGSn
Top Gate Pull-Down Current to INn
TGn – INn = 5V, INn = OUTP – 0.25V
Current Flows Into TGn, Other IN = 0V
l
1.25
mA
ITGGn
Top Gate Pull-Down Current to OUTN
INn = 0V, Other IN = OUTP = 9.0V, TGn = 5V
Current Flows Into TGn
l
6.0
mA
IBGUn
Bottom Gate Pull-Up Current
BGn = 5V; INn = OUTP = 9.0V, Other IN = 0V
Current Flows Out of BGn
l
1.9
mA
IBGDn
Bottom Gate Pull-Down Current
BGn = 5V; INn = 0V, Other IN = OUTP = 9.0V
Current Flows Into BGn
l
12.5
mA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Unless otherwise specified,
exposure to any Absolute Maximum Rating condition for extended periods
may affect device reliability and lifetime.
Note 2: All voltages are referenced to OUTN = 0V unless otherwise specified.
Note 3: Externally forced voltage absolute maximums. The LT4320 may
exceed these limits during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com