Electronic Components Datasheet Search
  English  ▼

X  

LT4320 Datasheet(PDF) 4 Page - Linear Technology

Part # LT4320
Description  Ideal Diode Bridge Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4320 Datasheet(HTML) 4 Page - Linear Technology

  LT4320 Datasheet HTML 1Page - Linear Technology LT4320 Datasheet HTML 2Page - Linear Technology LT4320 Datasheet HTML 3Page - Linear Technology LT4320 Datasheet HTML 4Page - Linear Technology LT4320 Datasheet HTML 5Page - Linear Technology LT4320 Datasheet HTML 6Page - Linear Technology LT4320 Datasheet HTML 7Page - Linear Technology LT4320 Datasheet HTML 8Page - Linear Technology LT4320 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LT4320/LT4320-1
4
4320fb
For more information www.linear.com/LT4320
typical perForMance characteristics
VBGATE vs OUTP
TGn Pull-Up Strength
TGn Pull-Down Strength to INn
TGn Pull-Down Strength to OUTN
BGn Pull-Up Strength
BGn Pull-Down Strength
IINn and IOUTP vs OUTP
IOUTP vs OUTP
∆VTGATE vs OUTP
INn = OUTP (V)
0
0
200
400
600
800
1000
1200
20
40
60
80
4320 G01
OUTP
INn
OTHER IN = 0V
OUTP (V)
0
0
200
400
600
800
1000
1200
20
40
60
80
4320 G02
IN1 AND IN2 FLOATING
OUTP (V)
9
8
9
25
4320 G03
7
6
13
17
21
11
10
∆VSD = 100mV
∆VSD = 40mV
OTHER IN = 0V
OUTP (V)
9
6
7
8
9
10
11
12
13
17
21
25
4320 G04
OTHER IN = 0V
∆VTGATE (V)
0
0
200
400
600
2
4
6
8
4320 G05
10
800
1000
100
300
500
700
900
12
OUTP = 9V
OUTP = 12V
OUTP = 72V
INn = OUTP + 100mV
OTHER IN = 0V
∆VTGATE (V)
0
0
1
2
3
4
5
2
4
6
8
4320 G06
10
12
OUTP = 9V
OUTP = 72V
INn = OUTP – 250mV
OTHER IN = 0V
TGn (V)
0
0
10
20
30
40
60
2
4
6
8
4320 G07
10
12
50
INn = 0V
OTHER IN = OUTP
OUTP = 9V
OUTP = 12V
OUTP = 72V
VBGATE (V)
0
0
2
5
4
8
10
12
4320 G08
1
4
3
2
6
14
OTHER IN = 0V
VINn = 9V
VINn = 12V
VINn = 72V
VBGATE (V)
0
35
30
25
20
15
10
5
0
6
10
4320 G09
2
4
8
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com