Electronic Components Datasheet Search
  English  ▼

X  

LT5534 Datasheet(PDF) 1 Page - Linear Technology

Part # LT5534
Description  50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5534 Datasheet(HTML) 1 Page - Linear Technology

  LT5534 Datasheet HTML 1Page - Linear Technology LT5534 Datasheet HTML 2Page - Linear Technology LT5534 Datasheet HTML 3Page - Linear Technology LT5534 Datasheet HTML 4Page - Linear Technology LT5534 Datasheet HTML 5Page - Linear Technology LT5534 Datasheet HTML 6Page - Linear Technology LT5534 Datasheet HTML 7Page - Linear Technology LT5534 Datasheet HTML 8Page - Linear Technology LT5534 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LT5534
1
5534fc
TYPICAL APPLICATION
DESCRIPTION
50MHz to 3GHz
RF Power Detector
with 60dB Dynamic Range
The LT®5534 is a 50MHz to 3GHz monolithic RF power
detector capable of measuring RF signals over a 60dB
dynamic range. The RF signal in a decibel scale is pre-
cisely converted into DC voltage on a linear scale. The
60dB input dynamic range is achieved using cascaded RF
detectors and RF limiters. Their outputs are summed to
generate an accurate log-linear DC voltage proportional
to the input RF signal in dB. The output is buffered with a
lowoutputimpedancedriver.TheLT5534deliverssuperior
temperature stability (typical output variation within ±1dB
over the full temperature range). The output responds in
less than 40ns to a large RF input signal.
FEATURES
APPLICATIONS
n
RF Frequency Range: 50MHz to 3GHz
n
Linear Dynamic Range: 60dB
n
Exceptional Accuracy over Temperature
and Power Supply
n
Fast Transient Response:
38ns Full-Scale Settling Time
n
Single 2.7V to 5.25V Supply
n
Low Supply Current: 7mA
n
Shutdown Current: 0.1µA
n
Tiny 6-Lead SC70 Package
n
RF RSSI and ACC
n
RF Power Control
n
CATV Power Detection
n
Optical Receiver Gain Control
50MHz to 3GHz RF Power Detector
Output Voltage
vs RF Input Power
DET
DET
DET
DET
DET
RF
1nF
EN
47
ENABLE
RF
INPUT
VOUT
VCC
GND
100pF
3V
LT5534
0.1µF
VOUT
5534 TA01
RF INPUT POWER (dBm)
–60
0
0.4
0.8
1.2
1.6
2.4
–50
–40
–30
–20
5534 TA01b
–10
0
2.0
–3
–2
–1
0
1
3
2
TA = 25°C
TA = 85°C
TA = –40°C
VCC = 3V
AT 900MHz
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.


Similar Part No. - LT5534

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5534 LINER-LT5534 Datasheet
191Kb / 8P
50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
LT5534 LINER-LT5534 Datasheet
307Kb / 16P
800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
logo
Analog Devices
LT5534 AD-LT5534 Datasheet
1Mb / 18P
40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
Rev. D
logo
Linear Technology
LT5534ESC6 LINER-LT5534ESC6 Datasheet
191Kb / 8P
50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
More results

Similar Description - LT5534

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5534 LINER-LT5534 Datasheet
191Kb / 8P
50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
LTC5505-1 LINER-LTC5505-1 Datasheet
147Kb / 8P
RF Power Detector with Buffered Output and >40dB Dynamic Range
LT5537 LINER-LT5537 Datasheet
307Kb / 16P
Wide Dynamic Range RF/IF Log Detector
LT5538 LINER-LT5538 Datasheet
242Kb / 12P
40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
LTC5582 LINER-LTC5582 Datasheet
395Kb / 16P
40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
LTC5505-1 LINER-LTC5505-1_15 Datasheet
152Kb / 8P
RF Power Detector with Buffered Output and 40dB Dynamic Range
LTC5505-2 LINER-LTC5505-2_15 Datasheet
152Kb / 8P
RF Power Detector with Buffered Output and 40dB Dynamic Range
LTC5509 LINER-LTC5509_15 Datasheet
188Kb / 8P
300MHz to 3GHz RF Power Detector in SC70 Package
LT5538 LINER-LT5538_15 Datasheet
240Kb / 12P
40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
LT5537 LINER-LT5537_15 Datasheet
313Kb / 16P
Wide Dynamic Range RF/IF Log Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com