Electronic Components Datasheet Search
  English  ▼

X  

LT5534 Datasheet(PDF) 5 Page - Linear Technology

Part # LT5534
Description  50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5534 Datasheet(HTML) 5 Page - Linear Technology

  LT5534 Datasheet HTML 1Page - Linear Technology LT5534 Datasheet HTML 2Page - Linear Technology LT5534 Datasheet HTML 3Page - Linear Technology LT5534 Datasheet HTML 4Page - Linear Technology LT5534 Datasheet HTML 5Page - Linear Technology LT5534 Datasheet HTML 6Page - Linear Technology LT5534 Datasheet HTML 7Page - Linear Technology LT5534 Datasheet HTML 8Page - Linear Technology LT5534 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LT5534
5
5534fc
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT Variation vs RF Input Power
Output Voltage vs RF Input Power
at VCC = 3V and 5V
Output Voltage Distribution
vs Temperature
Output Voltage Distribution
vs Temperature
Supply Voltage vs Supply Current
(Test circuit shown in Figure 1)
RF INPUT POWER (dBm)
–60
–3
–2
–1
0
1
3
–50
–40
–30
–20
5534 G10
–10
0
2
TA = –40°C
TA = 85°C
VCC = 3V AT 2.5GHz
NORMALIZED AT 25°C
RF INPUT POWER (dBm)
–60
1.6
2.0
2.8
–40
–20
5534 G11
1.2
0.8
–50
–30
–10
0
0.4
0
2.4
TA = 25°C
50MHz
VCC = 3V, 5V
1.9GHz
VCC = 3V, 5V
VOUT (V)
0
5
15
20
25
35
0.54
0.62
0.66
5534 G12
10
30
0.6
0.7
0.56 0.58
0.64
0.68
RF PIN = –48dBm AT 1.9GHz
VCC = 3V
TA = 25°C
TA = –40°C
TA = 85°C
VOUT (V)
0
5
15
20
25
40
35
1.79
1.87
1.91
5534 G13
10
30
1.85
1.81 1.83
1.89
1.93
TA = 25°C
TA = –40°C
TA = 85°C
RF PIN = –14dBm AT 1.9GHz
VCC = 3V
SUPPLY VOLTAGE (V)
2.5
4
5
6
7
8
10
3
3.5
4
4.5
5530 G14
5
5.5
9
TA = 85°C
TA = 25°C
TA = –40°C
RF Input Return Loss vs Frequency
Output Transient Response
RF INPUT FREQUENCY (GHz)
0
–30
–25
–20
–15
–10
0
0.5
1
1.5
2
5534 G15
2.5
3
–5
50ns/DIV
1V/DIV
5534 G16
RF
INPUT
PULSED RF
0dBm AT 100MHz
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com