Electronic Components Datasheet Search
  English  ▼

X  

LT5534 Datasheet(PDF) 3 Page - Linear Technology

Part # LT5534
Description  50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5534 Datasheet(HTML) 3 Page - Linear Technology

  LT5534 Datasheet HTML 1Page - Linear Technology LT5534 Datasheet HTML 2Page - Linear Technology LT5534 Datasheet HTML 3Page - Linear Technology LT5534 Datasheet HTML 4Page - Linear Technology LT5534 Datasheet HTML 5Page - Linear Technology LT5534 Datasheet HTML 6Page - Linear Technology LT5534 Datasheet HTML 7Page - Linear Technology LT5534 Datasheet HTML 8Page - Linear Technology LT5534 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LT5534
3
5534fc
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Specifications over the –40°C to 85°C temperature range are assured
by design, characterization and correlation with statistical process control.
VCC = 3V, EN = 3V, TA = 25°C, source impedance = 50Ω, unless otherwise
noted. Test circuit shown in Figure 1. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Up/Down
Turn-On Time
200
ns
Turn-Off Time
800
ns
EN = High (On)
0.9
V
EN = Low (Off)
0.6
V
Power Supply
Supply Voltage
2.7
5.25
V
Supply Current
EN = High
5
7
9
mA
Shutdown Current
EN = Low
0.1
10
µA
Note 3: The linearity error is calculated by the difference between the
incremental slope of the output and the average output slope from
–48dBm to –14dBm. The dynamic range is defined as the range over
which the linearity error is within ±3dB.
TYPICAL PERFORMANCE CHARACTERISTICS
Output Voltage vs Frequency
Linearity Error vs Frequency
Output Voltage vs RF Input Power
(Test circuit shown in Figure 1)
RF INPUT POWER (dBm)
–70
1.6
2.0
2.8
–40
–20
5534 G01
1.2
0.8
–60
–50
–30
–10
0
0.4
0
2.4
VCC = 3V
TA = 25°C
50MHz
1.9GHz
2.5GHz
900MHz
RF INPUT POWER (dBm)
–70
1
2
3
–40
–20
5534 G02
0
–1
–60 –50
–30
–10
0
–2
–3
50MHz
VCC = 3V
TA = 25°C
900MHz
1.9GHz
2.5GHz
RF INPUT POWER (dBm)
–60
0
0.4
0.8
1.2
1.6
2.4
–50
–40
–30
–20
5534 G03
–10
0
2.0
–3
–2
–1
0
1
3
2
TA = 25°C
TA = 85°C
TA = –40°C
VCC = 3V
AT 50MHz
TYPICAL PERFORMANCE CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Slope
35
mV/dB
Output Variation vs Temperature
PIN = –48dBm to –14dBm, TA = –40°C to 85°C
0.025
dB/°C
Output Interface
Output DC Voltage
No RF Input Signal
0
142
380
mV
Output Impedance
32
Ω
Output Bandwidth
30
MHz
Full-Scale Setting Time
Input from No Signal to –2dBm, to 90%
38
ns
Sinking/Sourcing
10/200
mA/µA
VCC = 3V, EN = 3V, TA = 25°C, unless otherwise noted. Test circuit shown in Figure 1. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com