Electronic Components Datasheet Search
  English  ▼

X  

LTC1658 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1658
Description  14-Bit Rail-to-Rail Micropower DAC in MSOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1658 Datasheet(HTML) 2 Page - Linear Technology

  LTC1658 Datasheet HTML 1Page - Linear Technology LTC1658 Datasheet HTML 2Page - Linear Technology LTC1658 Datasheet HTML 3Page - Linear Technology LTC1658 Datasheet HTML 4Page - Linear Technology LTC1658 Datasheet HTML 5Page - Linear Technology LTC1658 Datasheet HTML 6Page - Linear Technology LTC1658 Datasheet HTML 7Page - Linear Technology LTC1658 Datasheet HTML 8Page - Linear Technology LTC1658 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1658
ABSOLUTE MAXIMUM RATINGS
VCC to GND .............................................. –0.5V to 7.5V
TTL Input Voltage .................................... – 0.5V to 7.5V
VREF ..........................................................–0.5V to 7.5V
VOUT ........................................... – 0.5V to (VCC + 0.5V)
Junction Temperature .......................... – 65
°C to 125°C
Operating Temperature Range
Commercial ............................................ 0
°C to 70°C
Industrial ............................................. –40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
VCC = 2.7V to 5.5V, VOUT unloaded, REF ≤ VCC, TA = TMIN to TMAX, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
ORDER PART
NUMBER
ORDER PART
NUMBER
LTC1658CMS8
LTC1658IMS8
S8 PART MARKING
1658
1658I
LTC1658CN8
LTC1658IN8
LTC1658CS8
LTC1658IS8
Consult factory for Military grade parts.
TJMAX = 125°C, θJA = 100°C/W(N8)
TJMAX = 125°C, θJA = 150°C/W(S8)
1
2
3
4
8
7
6
5
TOP VIEW
CLK
DIN
CS/LD
DOUT
VCC
VOUT
REF
GND
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 150°C, θJA = 250°C/W
1
2
3
4
CLK
DIN
CS/LD
DOUT
8
7
6
5
VCC
VOUT
REF
GND
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
MS8 PART MARKING
LTCW
LTFW
PACKAGE/ORDER I FOR ATIO
(Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DAC
Resolution
q
14
Bits
Monotonicity
q
14
Bits
DNL
Differential Nonlinearity
VREF ≤ VCC – 0.1V (Note 2)
q
±1.0
LSB
INL
Integral Nonlinearity
VREF ≤ VCC – 0.1V (Note 2)
q
±8.0
LSB
Zero Scale Error
TA = 25°C, N8 and S8 Package
1.5
mV
TA = TMIN to TMAX, N8 and S8 Package
q
4.0
mV
TA = TMIN to TMAX, MSOP Package
q
7.0
mV
Offset Error
TA = 25°C, N8 and S8 Package, (Note 7)
±1.5
mV
TA = TMIN to TMAX, N8 and S8 Package, (Note 7)
q
±4.0
mV
TA = TMIN to TMAX, MSOP Package, (Note 7)
q
±7.0
mV
VOSTC
Offset Error Temperature
±5
µV/°C
Coefficient
Gain Error
q
±20
LSB
Gain Error Drift
±2.5
ppm/
°C
Power Supply
VCC
Positive Supply Voltage
For Specified Performance
q
2.7
5.5
V
ICC
Supply Current
2.7V
≤ VCC ≤ 5.5V (Note 4)
q
270
550
µA
Op Amp DC Performance
Short-Circuit Current Low
VOUT Shorted to GND
q
55
120
mA
Short-Circuit Current High
VOUT Shorted to VCC
q
55
120
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com