Electronic Components Datasheet Search
  English  ▼

X  

LTC1658 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1658
Description  14-Bit Rail-to-Rail Micropower DAC in MSOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1658 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1658 Datasheet HTML 2Page - Linear Technology LTC1658 Datasheet HTML 3Page - Linear Technology LTC1658 Datasheet HTML 4Page - Linear Technology LTC1658 Datasheet HTML 5Page - Linear Technology LTC1658 Datasheet HTML 6Page - Linear Technology LTC1658 Datasheet HTML 7Page - Linear Technology LTC1658 Datasheet HTML 8Page - Linear Technology LTC1658 Datasheet HTML 9Page - Linear Technology LTC1658 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1658
TI I G DIAGRA
B12
B13
MSB
t1
t6
t9
BX
DUMMY
BX
DUMMY
B0
LSB
B11
t7
t2
t4
t3
t8
CLK
DIN
DOUT
CS/LD
t5
1658 TD
B13
PREVIOUS WORD
B13
CURRENT WORD
B11
B12
BX
BX
DEFI ITIO S
Differential Nonlinearity (DNL): The difference between
the measured change and the ideal 1LSB change for any
two adjacent codes. The DNL error between any two codes
is calculated as follows:
DNL = (
∆VOUT – LSB)/LSB
Where
∆VOUT is the measured voltage difference between
two adjacent codes.
Digital Feedthrough: The glitch that appears at the analog
output caused by AC coupling from the digital inputs when
they change state. The area of the glitch is specified in
(nV)(sec).
Gain Error: Gain error is the difference between the output
of a DAC from its ideal full-scale value after offset error has
been adjusted.
Integral Nonlinearity (INL): The deviation from a straight
line passing through the endpoints of the DAC transfer
curve (Endpoint INL). Because the output cannot go below
zero, the linearity is measured between full scale and the
lowest code which guarantees the output will be greater
than zero. The INL error at a given input code is calculated
as follows:
INL = [VOUT – VOS – (VFS – VOS)(code/16383)]/LSB
Where VOUT is the output voltage of the DAC measured at
the given input code.
Least Significant Bit (LSB): The ideal voltage difference
between two successive codes.
LSB = VREF/16384
Resolution (n): Defines the number of DAC output states
(2n) that divide the full-scale range. Resolution does not
imply linearity.
Voltage Offset Error (VOS): Nominally, the voltage at the
output when the DAC is loaded with all zeros. A single
supply DAC can have a true negative offset, but the output
cannot go below zero (see Applications Information).
For this reason, single supply DAC offset is measured at
the lowest code that guarantees the output will be greater
than zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com