Electronic Components Datasheet Search
  English  ▼

X  

LTC1658 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1658
Description  14-Bit Rail-to-Rail Micropower DAC in MSOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1658 Datasheet(HTML) 4 Page - Linear Technology

  LTC1658 Datasheet HTML 1Page - Linear Technology LTC1658 Datasheet HTML 2Page - Linear Technology LTC1658 Datasheet HTML 3Page - Linear Technology LTC1658 Datasheet HTML 4Page - Linear Technology LTC1658 Datasheet HTML 5Page - Linear Technology LTC1658 Datasheet HTML 6Page - Linear Technology LTC1658 Datasheet HTML 7Page - Linear Technology LTC1658 Datasheet HTML 8Page - Linear Technology LTC1658 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1658
ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
a device may be impaired.
Note 2: Nonlinearity is defined from code 50 to code 16383 (full scale).
See Applications Information.
Note 3: DAC switched between code 16383 and code 50.
Note 4: Digital inputs at 0V or VCC.
Note 5: VOUT can only swing from (GND + VOS) to (VCC – VOS) when
output is unloaded. See Applications Information.
Note 6: Guaranteed by design. Not subject to test.
Note 7: Measured at code 50.
TYPICAL PERFOR A CE CHARACTERISTICS
Differential Nonlinearity (DNL) vs
Input Code
Supply Current vs Logic Input
Voltage
CODE
0
–5
–1
–2
–3
–4
0
1
2
3
4
5
4096
8192
1658 G01
12288
16383
Integral Nonlinearity (INL) vs
Input Code
LOGIC INPUT VOLTAGE (V)
012345
1658 G03
3
2
1
0
ALL DIGITAL INPUTS
TIED TOGETHER
CODE
0
–1.0
–0.2
–0.4
–0.6
–0.8
0
0.2
0.4
0.6
0.8
1.0
4096
8192
1658 G02
12288
16383
Minimum Output Voltage vs
Output Sink Current
Offset Error vs Temperature
Minimum Supply Headroom for
Full Output Swing vs Load Current
OUTPUT SINK CURRENT (mA)
0
5
10
15
1658 G05
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
CODE: ALL ZEROS
125
°C
25
°C
–55
°C
LOAD CURRENT (mA)
0
5
10
15
1658 G04
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
∆VOUT < 1LSB
CODE: ALL 1s
VOUT = 4.096V
125
°C
25
°C
–55
°C
TEMPERATURE (
°C)
–55
–25
5
35
65
95
125
1658 G06
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
–4.0
–4.5
–5.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com