Electronic Components Datasheet Search
  English  ▼

X  

LTC1986 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1986
Description  3V/5V SIM Power Supply in ThinSOT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1986 Datasheet(HTML) 1 Page - Linear Technology

  LTC1986 Datasheet HTML 1Page - Linear Technology LTC1986 Datasheet HTML 2Page - Linear Technology LTC1986 Datasheet HTML 3Page - Linear Technology LTC1986 Datasheet HTML 4Page - Linear Technology LTC1986 Datasheet HTML 5Page - Linear Technology LTC1986 Datasheet HTML 6Page - Linear Technology LTC1986 Datasheet HTML 7Page - Linear Technology LTC1986 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1986
1986fa
s
VIN Range: 2.6V to 4.4V
s
Ultralow Power
Operating Current: 14
µA
Shutdown Current: <1
µA
s
No Inductors
s
Short-Circuit/Thermal Protected
s
Ultrasmall Application Circuit (< 0.045in2)
s
Low Profile (1mm) ThinSOT
TM
s
Step-Up Charge Pump Generates 5V
s
Output Current: 10mA
s
VIN to VOUT Direct Connection for 3V SIMs
s
Switching Frequency: 900kHz
s
Soft-Start Limits Inrush Current at Turn-On
s
Output Driven to Ground During Shutdown
The LTC
®1986 is a micropower charge pump DC/DC
converter that provides power for either 3V or 5V GSM
SIM cards. It operates in one of three modes: VOUT = 5V
(5V mode), VOUT = VIN (3V mode) or shutdown. The input
voltage range is 2.6V to 4.4V and the part can provide
10mA of output current. The LTC1986 allows VIN to drop
as low as 2.6V by providing a boost feature in 3V mode. In
3V mode, VOUT is connected directly to VIN through a 2.5Ω
switch until VIN drops below 2.85V. When VIN is below
2.85V, the part automatically boosts VOUT to maintain a
regulated 2.9V output, thereby ensuring VOUT stays within
the 3V SIM VCC specification.
Extremely low operating current (14
µA typical with no
load) and low external parts count make the part ideally
suited for small, light load battery-powered applications.
The total PCB area of the application circuit shown below
is less than 0.045in2. Protection features include inrush
current limiting, undervoltage lockout, short circuit and
thermal overload protection. The LTC1986 is available in
a low profile (1mm) SOT-23 package.
s
GSM Cellular Telephones
s
PCS/DCS Cellular Telephones
s
Portable POS Terminals
3V/5V SIM Power Supply
in ThinSOT
, LTC and LT are registered trademarks of Linear Technology Corporation.
VOUT
GND
MODE
VIN
C1+
C1–
1
2
3
6
5
4
VOUT = 5V
OR VIN
GSM
CONTROLLER
2.2
µF
0.047
µF
0.1
µF
VIN = 2.6V TO 4.4V
LTC1986
750k
1M
3/5
SHDN
1986 TA01
SHDN
0
0
1
1
3/5
0
1
0
1
MODE
SHUTDOWN
SHUTDOWN
VOUT = 5V
VOUT = VIN
3V/5V SIM Power Supply
INPUT VOLTAGE (V)
2.5
4
5
4.5
1986 TA02
3
2
3.0
3.5
4.0
6
TA = 25°C
IOUT = 10mA
5V MODE
3V MODE
(VOUT = VIN)
Output Voltage vs Input Voltage
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
ThinSOT is a trademark of Linear Technology Corporation.


Similar Part No. - LTC1986

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1986 LINER-LTC1986 Datasheet
141Kb / 8P
3V/5V SIM Power Supply in SOT-23
LTC1986ES6 LINER-LTC1986ES6 Datasheet
141Kb / 8P
3V/5V SIM Power Supply in SOT-23
More results

Similar Description - LTC1986

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1986 LINER-LTC1986 Datasheet
141Kb / 8P
3V/5V SIM Power Supply in SOT-23
logo
ON Semiconductor
NCN4555 ONSEMI-NCN4555 Datasheet
102Kb / 12P
1.8V / 3V SIM Card Power Supply and Level Shifter
March, 2006 ??Rev. 1
logo
Texas Instruments
TXS4555 TI1-TXS4555 Datasheet
579Kb / 16P
1.8V/3V SIM Card Power Supply With Level Translator
TXS4555_1105 TI-TXS4555_1105 Datasheet
751Kb / 18P
1.8V/3V SIM Card Power Supply With Level Translator
logo
Advanced Monolithic Sys...
AMS811 AMS-AMS811 Datasheet
312Kb / 8P
Precision Monitoring of 3V, 3.3V, and 5V Power-Supply Voltages
logo
Maxim Integrated Produc...
M24308-2-13 MAXIM-M24308-2-13 Datasheet
157Kb / 8P
3V to 5V Regulating Charge Pumps for SIM Cards
Rev 1; 12/98
logo
Linear Technology
LTC4410 LINER-LTC4410_15 Datasheet
135Kb / 8P
USB Power Manager in ThinSOT
logo
Maxim Integrated Produc...
MAX22501EEVKIT MAXIM-MAX22501EEVKIT Datasheet
601Kb / 7P
Operates From a Single 3V to 5V Supply
Rev 0; 8/17
logo
ON Semiconductor
NCN4555 ONSEMI-NCN4555_10 Datasheet
145Kb / 12P
1.8V / 3V SIM Card Power Supply and Level Shifter
October, 2010 ??Rev. 3
logo
Maxim Integrated Produc...
MAX14775EEVKIT MAXIM-MAX14775EEVKIT Datasheet
594Kb / 6P
Operates From a Single 3V to 5V Supply
Rev 1; 10/18
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com