Electronic Components Datasheet Search
  English  ▼

X  

LTC1986 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1986
Description  3V/5V SIM Power Supply in ThinSOT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1986 Datasheet(HTML) 3 Page - Linear Technology

  LTC1986 Datasheet HTML 1Page - Linear Technology LTC1986 Datasheet HTML 2Page - Linear Technology LTC1986 Datasheet HTML 3Page - Linear Technology LTC1986 Datasheet HTML 4Page - Linear Technology LTC1986 Datasheet HTML 5Page - Linear Technology LTC1986 Datasheet HTML 6Page - Linear Technology LTC1986 Datasheet HTML 7Page - Linear Technology LTC1986 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LTC1986
1986fa
TYPICAL PERFORMANCE CHARACTERISTICS
Output Voltage vs Output Current
(3V Mode)
OUTPUT CURRENT (mA)
0.001
10
1986 G01
0.01
0.1
1
3.10
3.05
3.00
2.95
2.90
VIN = VMODE = 3V
TA = 25°C
INPUT VOLTAGE (V)
2.5
4.5
1986 G02
3.0
3.5
4.0
100
80
60
40
20
IOUT = 10mA
VOUT = 5V
TA = 25°C
Efficiency vs Input Voltage
Efficiency vs Output Current
Positive Supply Current vs
Input Voltage
OUTPUT CURRENT (mA)
0.001
10
1986 G03
0.01
0.1
1
100
80
60
40
20
0
VIN = 3V
5V MODE (VMODE = 0.6VIN)
TA = 25°C
INPUT VOLTAGE (V)
2.5
4.5
1986 G04
3.0
3.5
4.0
40
30
20
10
0
IOUT = 0mA
TA = 25°C
5V MODE (VMODE = 0.6VIN)
3V MODE (VMODE = VIN)
Output Voltage Ripple
(5V Mode)
VOUT
50mV/DIV
AC COUPLED
Output Voltage vs
VMODE Waveforms
5ms/DIV
VIN = 3V
IOUT = 10mA
TA = 25°C
1986 G05
VOUT
2V/DIV
2ms/DIV
VIN = 4V
TA = 25°C
1986 G06
5V
0V
4V
0V
VMODE
2V/DIV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com