Electronic Components Datasheet Search
  English  ▼

X  

LTC1986 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1986
Description  3V/5V SIM Power Supply in ThinSOT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1986 Datasheet(HTML) 5 Page - Linear Technology

  LTC1986 Datasheet HTML 1Page - Linear Technology LTC1986 Datasheet HTML 2Page - Linear Technology LTC1986 Datasheet HTML 3Page - Linear Technology LTC1986 Datasheet HTML 4Page - Linear Technology LTC1986 Datasheet HTML 5Page - Linear Technology LTC1986 Datasheet HTML 6Page - Linear Technology LTC1986 Datasheet HTML 7Page - Linear Technology LTC1986 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LTC1986
1986fa
APPLICATIONS INFORMATION
Operation
The LTC1986 is a charge pump DC/DC converter designed
specifically to supply VCC power for either 3V or 5V SIM
cards. The part can operate in one of three modes: a low
power shutdown mode which disconnects VIN from VOUT
and actively pulls down the VOUT supply, 3V mode which
provides a direct connection between VIN and VOUT for
powering 3V SIM cards, and 5V mode which provides a
regulated 5V output for powering 5V SIM cards. In 5V
mode, regulation is achieved by sensing the output volt-
age through a resistor divider and enabling the charge
pump as needed to maintain regulation.
When the charge pump is enabled, a 2-phase
nonoverlapping clock controls the internal charge pump
switches. Flying capacitor C1 is charged to VIN on phase
one of the clock. On phase two of the clock, C1 is stacked
in series with VIN and connected to VOUT through an
internal switch. This sequence of charging and discharg-
ing the flying capacitor occurs at a free-running frequency
of 900kHz (typ) and continues until the divided output
voltage reaches the upper trip point of the comparator.
Once the output is in regulation, the charge pump is
disabled. This method of bursting the charge pump on and
off enables the LTC1986 to achieve high efficiency at
extremely low output loads.
Mode Selection
The operating mode is determined by the voltage applied
to the MODE pin. The MODE pin has three voltage thresh-
olds—all of which are referenced to VIN:
Shutdown Mode
⇒ VMODE < VIN/2 – 0.1V
5V Mode
⇒ VIN/2 + 0.1V < VMODE < VIN – 1V
3V Mode
⇒ VIN – 0.25V < VMODE
For example, if VIN = 3V, then the following table applies:
VMODE
OPERATING MODE
0V to 1.4V
Shutdown Mode
1.6V to 2V
5V Mode
2.75V to 3V
3V Mode (VOUT = VIN)
The three modes can be selected using two totem pole
digital outputs and two external resistors as shown in
Figure 1.
Shutdown mode disconnects VIN from VOUT and enables
an internal pull-down device which forces VOUT to GND.
To achieve the lowest possible quiescent current in shut-
down mode, the voltage on the MODE pin should be pulled
below 0.4V. 3V mode connects VOUT to VIN through a 2.5Ω
internal switch. The LTC1986 has the additional capability
of boosting VOUT to a regulated 2.9V in 3V mode when the
input voltage drops below 2.85V. This ensures that the 3V
SIM VCC specification is not violated if VIN drops below
2.7V during transients or low battery conditions.
Figure 1
Capacitor Selection
For best performance, it is recommended that low ESR
capacitors be used for both CIN and COUT to reduce noise
and ripple. The CIN and COUT capacitors should be either
ceramic or tantalum. Ceramic capacitors will provide the
smallest size for a given capacitance. If the input source
impedance is very low (< 0.5
Ω), CIN may not be needed.
For best performance, COUT should be 2.2µF or greater.
Ceramic capacitors are also recommended for the flying
capacitor C1 with values between 0.047
µF and 0.22µF. If
a small value output capacitor (3.3
µF or less) is used, a
small flying capacitor should also be used to prevent high
output ripple in 5V mode. The recommended capacitor
values to minimize board space and cost are: CIN = 0.1µF,
C1 = 0.047
µF and COUT = 2.2µF (ceramic).
MODE
VIN
3
6
VIN
LTC1986
750k
1M
3/5
SHDN
1986 F01
SHDN
0
0
1
1
3/5
0
1
0
1
MODE
SHUTDOWN (ICC < 1µA)
SHUTDOWN (ICC = 10µA)
VOUT = 5V
VOUT = VIN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com