Electronic Components Datasheet Search
  English  ▼

X  

LT1176 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1176
Description  Step-Down Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1176 Datasheet(HTML) 1 Page - Linear Technology

  LT1176 Datasheet HTML 1Page - Linear Technology LT1176 Datasheet HTML 2Page - Linear Technology LT1176 Datasheet HTML 3Page - Linear Technology LT1176 Datasheet HTML 4Page - Linear Technology LT1176 Datasheet HTML 5Page - Linear Technology LT1176 Datasheet HTML 6Page - Linear Technology LT1176 Datasheet HTML 7Page - Linear Technology LT1176 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LT1176/LT1176-5
1
11765fb
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Step-Down
Switching Regulator
TheLT®1176isa1Amonolithicbipolarswitchingregulator
which requires only a few external parts for normal opera-
tion. The power switch, all oscillator and control circuitry
Basic 5V Positive Buck Converter
APPLICATIONS
n
1.2A Onboard Switch
n
100kHz Switching Frequency
n
Excellent Dynamic Behavior
n
DIP and Surface Mount Packages
n
Only 8mA Quiescent Current
n
Preset 5V Output Available
n
Operates Up to 35V Input
n
Micropower Shutdown Mode
n
Buck Converter with Output Voltage Range of
2.5V to 30V
n
Positive-to-Negative Converter
n
Negative Boost Converter
n
Multiple Output Buck Converter
L
, LT, LTC, LTM, Linear Technology, SwitcherCAD and the Linear logo are registered
trademarks of Linear Technology Corporation. All other trademarks are the property of their
respective owners.
and all current limit components are included on the chip.
The topology is a classic positive buck configuration but
several design innovations allows this device to be used as
apositive-to-negativeconverter,anegativeboostconverter,
and as a flyback converter. The switch output is specified
to swing below ground.
The LT1176 uses a true analog multiplier in the feedback
loop.Thismakesthedevicerespondnearlyinstantaneously
to input voltage fluctuations and makes loop gain indepen-
dent of input voltage. As a result, dynamic behavior of the
regulator is significantly improved over previous designs.
On-chip pulse by pulse current limiting makes the LT1176
nearly bust proof for output overloads or shorts. The input
voltage range as a buck converter is 8V to 35V, but a self
boot feature allows input voltages as low as 5V in the
inverting and boost configurations.
The LT1176 is available in a low cost 8-lead DIP package
with frequency preset at 100kHz and current limit at 1.7A.
An adjustable output is offered as well as a preset 5V ver-
sion. For further design details and application help, see
the LT1074/LT1076 data sheet and Application Note 44.
5V Buck Converter Efficiency
VC
GND
LT1176-5
R3
2.7k
C2
0.01µF
1N5819
+
C3
100µF
+
C1
470µF
25V
11765 TA01
5V, 0.8A
10V T0 35V
L1*
100µH
*COILTRONICS #100-1-52
PULSE ENGINEERING, INC. #PE-92102
HURRICANE #HL-AG210LL
THESE ARE LOW COST POWDERED IRON CORES. OPTIMUM EFFICIENCY
AND SMALLEST SIZE IS OBTAINED BY USING A LOW LOSS CORE SUCH
AS MAGNETICS INC. KOOL Mµ. SEE EFFICIENCY GRAPH.
VIN
VSW
SENSE
LOAD CURRENT (A)
60
70
80
90
0.2
0.4
0.6
0.8
11765 TA02
1.0
0.1
0.3
0.5
0.7
0.9
L = 100µH ON MAGNETICS INC.
SIZE T-50 KOOL Mµ CORE
VIN = 20V
VIN = 10V


Similar Part No. - LT1176

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
Step-Down Switching Regulator
LT1176-5 LINER-LT1176-5 Datasheet
178Kb / 4P
Step-Down Switching Regulator
LT1176-5 LINER-LT1176-5 Datasheet
146Kb / 8P
Step-Down Switching Regulator
LT1176-5 LINER-LT1176-5_15 Datasheet
146Kb / 8P
Step-Down Switching Regulator
LT1176CN8 LINER-LT1176CN8 Datasheet
178Kb / 4P
Step-Down Switching Regulator
More results

Similar Description - LT1176

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
Step-down Switching Regulator
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
Step-down Switching Regulator
LV5858M SANYO-LV5858M Datasheet
250Kb / 9P
Step-down Switching Regulator
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
Step-down Switching Regulator
LV5725JA SANYO-LV5725JA Datasheet
269Kb / 8P
Step-down Switching Regulator
LV5803M-TE-L-E SANYO-LV5803M-TE-L-E Datasheet
119Kb / 6P
Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
Step-Down Switching Regulator
logo
ON Semiconductor
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
Step-down Switching Regulator
April, 2008 - Rev. 0
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
Step-down Switching Regulator
October, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com