Electronic Components Datasheet Search
  English  ▼

X  

LT1176 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1176
Description  Step-Down Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1176 Datasheet(HTML) 2 Page - Linear Technology

  LT1176 Datasheet HTML 1Page - Linear Technology LT1176 Datasheet HTML 2Page - Linear Technology LT1176 Datasheet HTML 3Page - Linear Technology LT1176 Datasheet HTML 4Page - Linear Technology LT1176 Datasheet HTML 5Page - Linear Technology LT1176 Datasheet HTML 6Page - Linear Technology LT1176 Datasheet HTML 7Page - Linear Technology LT1176 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LT1176/LT1176-5
2
11765fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Input Voltage.............................................................38V
Switch Voltage with Respect to Input Voltage...........50V
Switch Voltage with Respect to Ground Pin
(VSW Negative) (Note 7)............................................20V
Feedback Pin Voltage........................................–2V, 10V
Shutdown Pin Voltage (Not to Exceed VIN)...............35V
Status Pin Voltage
(Current Must Be Limited to 5mA When Status Pin
Switches ON)........................................................30V
1
2
3
4
8
7
6
5
TOP VIEW
VIN
ILIM
GND
FB/SENSE
VSW
VC
STATUS
SHUTDOWN
N8 PACKAGE
8-LEAD PLASTIC DIP
TJMAX = 125°C, θJA = 90°C/W
1
2
3
4
5
6
7
8
9
10
TOP VIEW
SW PACKAGE
20-LEAD PLASTIC SOL
20
19
18
17
16
15
14
13
12
11
VIN
NC
ILIM
GND
GND
GND
GND
NC
FB/SENSE
NC
VSW
NC
VC
GND
GND
GND
GND
STATUS
SHUTDOWN
NC
TJMAX = 125°C, θJA = 50°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1176CN8#PBF
LT1176CN8
8-Lead Plastic DIP
0°C to 125°C
LT1176CN8-5#PBF
LT1176CN8-5
8-Lead Plastic DIP
0°C to 125°C
LT1176CSW#PBF
LT1176CSW#TRPBF
LT1176CSW
20-Lead Plastic SOL
0°C to 125°C
LT1176CSW-5#PBF
LT1176CSW-5#TRPBF
LT1176CSW-5
20-Lead Plastic SOL
0°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ILIM Pin Voltage (Forced) .........................................5.5V
Maximum Operating Ambient Temperature Range
LT1176C/LT1176C-5................................. 0°C to 70°C
Maximum Operating Junction Temperature Range
LT1176C/LT1176C-5............................... 0°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
*These thermal resistance numbers are for typical mounting technique. Lower thermal
resistance can be obtained with large copper lands, thermal glues or heat sinks.
(Note 1)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com