Electronic Components Datasheet Search
  English  ▼

X  

LT1176 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1176
Description  Step-Down Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1176 Datasheet(HTML) 4 Page - Linear Technology

  LT1176 Datasheet HTML 1Page - Linear Technology LT1176 Datasheet HTML 2Page - Linear Technology LT1176 Datasheet HTML 3Page - Linear Technology LT1176 Datasheet HTML 4Page - Linear Technology LT1176 Datasheet HTML 5Page - Linear Technology LT1176 Datasheet HTML 6Page - Linear Technology LT1176 Datasheet HTML 7Page - Linear Technology LT1176 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LT1176/LT1176-5
4
11765fb
Application Hints
Although the LT1176 has a peak switch rating of 1.2A and a maximum duty
cycle of 85%, it must be used cautiously in applications which require high
switch current and high duty cycle simultaneously, to avoid excessive chip
temperature. Thermal resistance is 90°C/W for the 8-pin DIP package and
50°C/W for the 20-pin SO. This limits continuous chip power dissipation to
the 0.5W to 1W range. These numbers assume typical mounting techniques.
Extra or thick copper connected to the leads can reduce thermal resistance.
Bonding the package to the board or using a clip style heat sink can also help.
Thefollowingformulaswillgivechippowerdissipationandpeakswitchcurrent
for the standard buck converter. Note that surges less than 30 seconds do not
need to be considered from a thermal standpoint, but for proper regulation,
they must not result in peak switch currents exceeding the 1.2A limit.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: To calculate maximum switch ON voltage at current between low
and high conditions, a linear interpolation may be used.
Note 3: A feedback pin voltage (VFB) of 2.5V forces the VC pin to its low
clamp level and the switch duty cycle to zero. This approximates the
zero load condition where duty cycle approaches zero. The LT1176-5 has
VSENSE = 5.5V.
Note 4: Total voltage from VIN pin to ground pin must be ≥ 8V after
start-up for proper regulation.
Note 5: Switch frequency is internally scaled down when the feedback pin
voltage is less than 1.3V to avoid extremely short switch-on times. During
testing, VFB or VSENSE is adjusted to give a minimum switch-on time of
1µs.
Note 6: ILM = (RLIM – 1k)/7.65k
Note 7: Switch to input voltage limitation must also be observed.
Note 8: VMAX = 35V
Note 9: Does not include switch leakage.
Note 10: Error amplifier voltage gain and transconductance are
specified relative to the internal feedback node. To calculate gain and
transconductance from the sense pin (Output) to the VC pin on the
LT1176-5, multiply by 0.44.
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. TJ = 25°C, VIN 25V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Status Low Level
ISTATUS = 1.6mA Sinking
l
0.25
0.4
V
Status Delay Time
9
µs
Status Minimum Width
30
µs
Power = ILOAD(VOUT/VIN) + VIN [7mA + 3mA (VOUT/VIN) + 0.012 (ILOAD)]
IPEAK = ILOAD(PEAK) + [VOUT(VIN – VOUT)]/2E5(VIN)(L)
Example: VIN = 15V, VOUT = 5V, ILOAD = 0.5A Continuous, 0.8A Peak,
L = 100µH
Power (ILOAD = 0.5A) = 0.38W
IPEAK (ILOAD = 0.8A) = 0.97A
Where component size or height is critical, we suggest using solid tantalum
capacitors (singly or in parallel), but be sure to use units rated for switching
applications. Coiltronics is a good source for low profile surface mount
inductors and AVXmakeshighqualitysurfacemounttantalumcapacitors.For
further help, use Application Notes 19 and 44,LTC’s SwitcherCAD® computer
design program, and our knowledgeable application department.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com