Electronic Components Datasheet Search
  English  ▼

X  

LTC4357 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4357
Description  Positive High Voltage Ideal Diode Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4357 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4357 Datasheet HTML 6Page - Linear Technology LTC4357 Datasheet HTML 7Page - Linear Technology LTC4357 Datasheet HTML 8Page - Linear Technology LTC4357 Datasheet HTML 9Page - Linear Technology LTC4357 Datasheet HTML 10Page - Linear Technology LTC4357 Datasheet HTML 11Page - Linear Technology LTC4357 Datasheet HTML 12Page - Linear Technology LTC4357 Datasheet HTML 13Page - Linear Technology LTC4357 Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
LTC4357

4357fd
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 l FAX: (408) 434-0507 l www.linear.com
LINEAR TECHNOLOGY CORPORATION 2007
LT 0910 REV D • PRINTED IN USA
relateD parts
typical application
Plug-In Card Input Diode for Supply Hold-Up
PART NUMBER
DESCRIPTION
COMMENTS
LT1641-1/LT1641-2
Positive High Voltage Hot Swap Controllers
Active Current Limiting, Supplies from 9V to 80V
LTC1921
Dual –48V Supply and Fuse Monitor
UV/OV Monitor, –10V to –80V Operation, MSOP Package
LT4250
–48V Hot Swap Controller
Active Current Limiting, Supplies from –18V to –80V
LTC4251/LTC4251-1/
LTC4251-2
–48V Hot Swap Controllers in SOT-23
Fast Active Current Limiting, Supplies from –15V
LTC4252-1/LTC4252-2/
LTC4252-1A/LTC4252-2A
–48V Hot Swap Controllers in MS8/MS10
Fast Active Current Limiting, Supplies from –15V, Drain Accelerated
Response
LTC4253
–48V Hot Swap Controller with Sequencer
Fast Active Current Limiting, Supplies from –15V, Drain Accelerated
Response, Sequenced Power Good Outputs
LT4256
Positive 48V Hot Swap Controller with
Open-Circuit Detect
Foldback Current Limiting, Open-Circuit and Overcurrent Fault Output,
Up to 80V Supply
LTC4260
Positive High Voltage Hot Swap Controller
With I2C and ADC, Supplies from 8.5V to 80V
LTC4261
Negative High Voltage Hot Swap Controller
With I2C and 10-Bit ADC, Adjustable Inrush and Overcurrent Limits
LTC4352
Ideal Diode Controller with Monitor
Controls N-Channel MOSFET, 0V to 18V Operation
LTC4354
Negative Voltage Diode-OR Controller
and Monitor
Controls Two N-Channel MOSFETs, 1µs Turn-Off, 80V Operation
LTC4355
Positive Voltage Diode-OR Controller
and Monitor
Controls Two N-Channel MOSFETs, 0.5µs Turn-Off, 80V Operation
LT4356-1/LT4356-2/
LT4356-3
Surge Stopper, Overvoltage and Overcurrent
Protection Regulator
Wide Operation Range: 4V to 80V, Reverse Input Protection to –60V,
Adjustable Output Clamp Voltage
4357 TA06
LTC4357
GND
IN
OUT
VDD
GATE
FDB3632
PLUG-IN CARD
CONNECTOR 1
BACKPLANE
CONNECTORS
PLUG-IN CARD
CONNECTOR 2
48V
VOUT1
VOUT2
GND
SMAT70A
SMAT70A
CHOLDUP
GND
LTC4357
GND
IN
OUT
VDD
GATE
FDB3632
GND
Hot Swap
CONTROLLER
Hot Swap
CONTROLLER
+
CHOLDUP
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com