Electronic Components Datasheet Search
  English  ▼

X  

LTC4357 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4357
Description  Positive High Voltage Ideal Diode Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4357 Datasheet(HTML) 2 Page - Linear Technology

  LTC4357 Datasheet HTML 1Page - Linear Technology LTC4357 Datasheet HTML 2Page - Linear Technology LTC4357 Datasheet HTML 3Page - Linear Technology LTC4357 Datasheet HTML 4Page - Linear Technology LTC4357 Datasheet HTML 5Page - Linear Technology LTC4357 Datasheet HTML 6Page - Linear Technology LTC4357 Datasheet HTML 7Page - Linear Technology LTC4357 Datasheet HTML 8Page - Linear Technology LTC4357 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LTC4357

4357fd
absolute MaxiMuM ratings
Supply Voltages
IN............................................................ –1V to 100V
OUT, VDD.............................................. –0.3V to 100V
Output Voltage
GATE (Note 3)........................ VIN – 0.2V to VIN + 10V
(Notes 1, 2)
TOP VIEW
VDD
NC
GND
OUT
IN
GATE
DCB PACKAGE
6-LEAD (2mm 3mm) PLASTIC DFN
4
5
7
GND
6
3
2
1
TJMAX = 125°C, θJA = 90°C/W
EXPOSED PAD (PIN 7) PCB GND CONNECTION OPTIONAL
1
2
3
4
IN
NC
NC
GATE
8
7
6
5
OUT
VDD
NC
GND
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 163°C/W
Operating Ambient Temperature Range
LTC4357C ................................................ 0°C to 70°C
LTC4357I.............................................. –40°C to 85°C
LTC4357H .......................................... –40°C to 125°C
LTC4357MP ....................................... –55°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MS Package...................................................... 300°C
pin conFiguration
orDer inForMation
LEAD FREE FINISH
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4357CDCB#TRMPBF
LTC4357CDCB#TRPBF
LCXF
6-Lead (2mm
× 3mm) Plastic DFN
0°C to 70°C
LTC4357IDCB#TRMPBF
LTC4357IDCB#TRPBF
LCXF
6-Lead (2mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC4357HDCB#TRMPBF
LTC4357HDCB#TRPBF
LCXF
6-Lead (2mm
× 3mm) Plastic DFN
–40°C to 125°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4357CMS8#PBF
LTC4357CMS8#TRPBF
LTCXD
8-Lead Plastic MSOP
0°C to 70°C
LTC4357IMS8#PBF
LTC4357IMS8#TRPBF
LTCXD
8-Lead Plastic MSOP
–40°C to 85°C
LTC4357HMS8#PBF
LTC4357HMS8#TRPBF
LTCXD
8-Lead Plastic MSOP
–40°C to 125°C
LTC4357MPMS8#PBF
LTC4357MPMS8#TRPBF LTFWZ
8-Lead Plastic MSOP
–55°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4357MPMS8
LTC4357MPMS8#TR
LTFWZ
8-Lead Plastic MSOP
–55°C to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com